Electronic Components Datasheet Search
  English  ▼

X  

ADA4355 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4355
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4355 Datasheet HTML 18Page - Analog Devices ADA4355 Datasheet HTML 19Page - Analog Devices ADA4355 Datasheet HTML 20Page - Analog Devices ADA4355 Datasheet HTML 21Page - Analog Devices ADA4355 Datasheet HTML 22Page - Analog Devices ADA4355 Datasheet HTML 23Page - Analog Devices ADA4355 Datasheet HTML 24Page - Analog Devices ADA4355 Datasheet HTML 25Page - Analog Devices ADA4355 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 22 of 45
0
5
10
15
20
25
30
GAIN (kΩ)
N = 290 UNITS
µ = 2.003kΩ
σ = 0.016kΩ
1.97
1.96
1.95
1.94
1.98 1.99 2.00 2.01 2.02
2.06
2.03
2.05
2.04
Figure 55. TIA Gain Distribution, TZ = 2 kΩ
0
5
10
15
20
25
30
GAIN (kΩ)
N = 290 UNITS
µ = 20.22kΩ
σ = 0.17kΩ
19.7
19.6
19.8 19.9 20.0 20.1 20.2
20.6 20.7 20.8
20.3
2.05
20.4
Figure 56. TIA Gain Distribution, TZ = 20 kΩ
0
5
10
15
20
25
30
GAIN (kΩ)
N = 290 UNITS
µ = 202kΩ
σ = 1.62kΩ
197 198
210
199
209
200
208
201
207
202
206
203
205
204
Figure 57. TIA Gain Distribution, TZ = 200 kΩ
0
5
10
15
20
25
30
35
40
45
GAIN DRIFT (Ω/°C)
N = 290 UNITS
µ = 0.092Ω/°C
σ = 0.113Ω/°C
–0.5
0.5
–0.4
0.4
–0.3
0.3
–0.2
0.2
–0.1
0.1
0
Figure 58. TIA Gain Drift Distribution, TZ = 2 kΩ
0
5
10
15
20
25
GAIN DRIFT (Ω/°C)
N = 290 UNITS
µ = –0.38Ω/°C
σ = 1.054Ω/°C
–3.5
3.5
–2.5
2.5
–1.5
1.5
–0.5
0.5
Figure 59. TIA Gain Drift Distribution, TZ = 20 kΩ
0
5
10
15
20
25
30
GAIN DRIFT (Ω/°C)
N = 290 UNITS
µ = –2.66Ω/°C
σ = 8.13Ω/°C
–35
35
–30
30
–25
25
–20
20
–15
15
–10
10
–5
5
0
Figure 60. TIA Gain Drift Distribution, TZ = 200 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com