Electronic Components Datasheet Search
  English  ▼

X  

ADA4355 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4355
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4355 Datasheet HTML 2Page - Analog Devices ADA4355 Datasheet HTML 3Page - Analog Devices ADA4355 Datasheet HTML 4Page - Analog Devices ADA4355 Datasheet HTML 5Page - Analog Devices ADA4355 Datasheet HTML 6Page - Analog Devices ADA4355 Datasheet HTML 7Page - Analog Devices ADA4355 Datasheet HTML 8Page - Analog Devices ADA4355 Datasheet HTML 9Page - Analog Devices ADA4355 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 6 of 45
ADC SPI TIMING SPECIFICATIONS
Table 4.
Parameter
Description
Min
Typ
Max
Unit
SPI TIMING REQUIREMENTS
See Figure 5, unless otherwise noted
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CS and SCLK
2
ns
tH
Hold time between CS and SCLK
2
ns
tHIGH
SCLK pulse width high
10
ns
tLOW
SCLK pulse width low
10
ns
tEN_SDIO1
Time required for SDIO to switch from an input to an output relative to the
SCLK falling edge
10
ns
tDIS_SDIO1
Time required for SDIO to switch from an output to an input relative to the
SCLK rising edge
10
ns
1
This parameter is not shown in Figure 5.
ADC SPI Timing Diagram
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CS
tS
tDH
tCLK
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
tLOW
tHIGH
Figure 5. Serial Port Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com