Electronic Components Datasheet Search
  English  ▼

X  

ADA4355 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4355
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4355 Datasheet HTML 22Page - Analog Devices ADA4355 Datasheet HTML 23Page - Analog Devices ADA4355 Datasheet HTML 24Page - Analog Devices ADA4355 Datasheet HTML 25Page - Analog Devices ADA4355 Datasheet HTML 26Page - Analog Devices ADA4355 Datasheet HTML 27Page - Analog Devices ADA4355 Datasheet HTML 28Page - Analog Devices ADA4355 Datasheet HTML 29Page - Analog Devices ADA4355 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 26 of 45
THEORY OF OPERATION
The ADA4355 integrates a field effect transistor (FET), input
TIA with three switchable gains (2 kΩ, 20 kΩ, and 200 kΩ).
The gain switches are designed to minimize error sources that
result in slow settling time and slow overload recovery. The
internal overload current protection allows the input current to
exceed the full-scale current while still providing fast overload
recovery. Additionally, the overload current protection enables
analog input current levels up to 40 mA to be sustained with no
damage to the TIA. The positive node of the TIA is biased to
1.65 V as shown in Figure 2.
Figure 77 shows the overall system transfer function. Because the
photodetector provides current in only one direction (sink or
source), the overall transfer function has 0.825 V offset to
maximize the input range of the ADC. When the input current
is 0 µA, the ADC differential input is 0.825 V. As the input
current increases, the TIA output decreases toward GND.
When the input current reaches 1.65 V/TZ, the TIA output is at
GND, limiting the ADC differential input voltage to −0.825 V.
The positive full-scale input current is 1.65 V/TZ, and there is
room to measure negative input current down to −0.175 V/TZ.
LINEAR INPUT RANGE
1.65V
+1V
ADC
INPUT
0.825V
–0.825V
–1V
0
0
INPUT
CURRENT
1.65V
TZ =
TZ
dy
dx
0.175V
TZ
Figure 77. Overall Transfer Function
GSEL0,
GSEL1
VCC
VLDEN
VLD
VEA/VED
2
2
+3.3V
2
FSEL
LDO
PHOTODIODE
INPUT
IIN
TIA
OTDR DATA
FPGA
MICROPROCESSOR
LVDS LANES
SPI SIGNALS
ADC
SPI
GND CLKN
ADA4355
CLKP
BANDWIDTH
LPF
Figure 78. Typical Application Block Diagram with a Single VCC Supply, FPGA Control, and Data Process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com