Electronic Components Datasheet Search
  English  ▼

X  

ADA4355 Datasheet(PDF) 34 Page - Analog Devices

Part # ADA4355
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADA4355 Datasheet HTML 30Page - Analog Devices ADA4355 Datasheet HTML 31Page - Analog Devices ADA4355 Datasheet HTML 32Page - Analog Devices ADA4355 Datasheet HTML 33Page - Analog Devices ADA4355 Datasheet HTML 34Page - Analog Devices ADA4355 Datasheet HTML 35Page - Analog Devices ADA4355 Datasheet HTML 36Page - Analog Devices ADA4355 Datasheet HTML 37Page - Analog Devices ADA4355 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 34 of 45
Dynamic Range Extension
One of the primary benefits of selectable gains on the ADA4355
is the ability to extend the dynamic range of the OTDR
measurement. A length of optical fiber approximately 160 km
long, with 0.2 dB/km of attenuation, was once again tested.
The ADA4355 transimpedance gain was maintained at 200 kΩ,
as was the laser launch power and pulse width at 15 dBm and
20 µs, respectively. Averaging was held to 3 minutes, or 65,000
averages, and a moving average filter was used. For this case,
the APD bias voltage was increased, thereby raising the APD
current gain to approximately 30×.
The measurement result is shown in Figure 93 and reveals that
the system becomes saturated at an 8 µA input current. Because
of this saturation, the first 20 km of fiber cannot be analyzed.
Note that the y-axis of Figure 93 is expressed in terms of
current so that the 8 µA saturation current can easily be seen.
0.1
0.01
0.001
10
1
100
1000
10000
100000
DISTANCE (km)
0
20
40
60
80
100
120
140
160
180
Figure 93.OTDR Measurement with 200 kΩ Gain
Switching the ADA4355 gain from 200 kΩ to 20 kΩ allows
a maximum signal level that is 10× larger than when using
200 kΩ, which means the saturation current is now 80 µA and
that much of the region below 20 km can now be analyzed.
Figure 94 shows the results from a single frame taken with 20 kΩ
gain and using all the same settings as the 200 kΩ measurement.
The single frame measurement takes 2 ms to complete only and
only the first 20 km are of interest.
DISTANCE (km)
0.1
0.01
0.001
10
1
100
1000
10000
100000
0
20
40
60
80
100
120
140
160
180
Figure 94. OTDR Measurement with 20 kΩ Gain
Combining the measurements from Figure 93 and Figure 94
yield the results shown in Figure 95. The portion >20 km comes
from Figure 93, and the portion ≤20 km comes from Figure 94.
The combined dynamic range is 34.5 dB, which is an extension
of almost 4 dB at a time cost of only 2 ms.
DISTANCE (km)
0.1
0.01
0.001
10
1
100
1000
10000
100000
0
20
40
60
80
100
120
140
160
180
Figure 95. OTDR Combined Measurement, 200 kΩ Gain and 20 kΩ Gain
If additional dynamic range is required, the process can be
repeated by using 2 kΩ gain, which raises the saturation current
to 800 µA, and then stitching all three individual results together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com