Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM2 Datasheet(PDF) 126 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 126 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 122Page - ATMEL Corporation AT90PWM2 Datasheet HTML 123Page - ATMEL Corporation AT90PWM2 Datasheet HTML 124Page - ATMEL Corporation AT90PWM2 Datasheet HTML 125Page - ATMEL Corporation AT90PWM2 Datasheet HTML 126Page - ATMEL Corporation AT90PWM2 Datasheet HTML 127Page - ATMEL Corporation AT90PWM2 Datasheet HTML 128Page - ATMEL Corporation AT90PWM2 Datasheet HTML 129Page - ATMEL Corporation AT90PWM2 Datasheet HTML 130Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 365 page
background image
126
AT90PWM2/3
4317B–AVR–02/05
Note:
1. A special case occurs when OCRnA/OCRnB equals TOP and COMnA1/COMnB1 is
set. In this case the compare match is ignored, but the set or clear is done at TOP.
See “Fast PWM Mode” on page 117. for more details.
Table 49 shows the COMnx1:0 bit functionality when the WGMn3:0 bits are set to the
phase correct or the phase and frequency correct, PWM mode.
Note:
1. A special case occurs when OCRnA/OCRnB equals TOP and COMnA1/COMnB1 is
set. See “Phase Correct PWM Mode” on page 119. for more details.
• Bit 1:0 – WGMn1:0: Waveform Generation Mode
Combined with the WGMn3:2 bits found in the TCCRnB Register, these bits control the
counting sequence of the counter, the source for maximum (TOP) counter value, and
what type of waveform generation to be used, see Table 50. Modes of operation sup-
ported by the Timer/Counter unit are: Normal mode (counter), Clear Timer on Compare
match (CTC) mode, and three types of Pulse Width Modulation (PWM) modes. (See
“16-bit Timer/Counter1 with PWM” on page 104.).
Table 49. Compare Output Mode, Phase Correct and Phase and Frequency Correct
PWM(1)
COMnA1/COMnB
1
COMnA0/COMnB
0
Description
0
0
Normal port operation, OCnA/OCnB
disconnected.
0
1
WGMn3:0 = 8, 9 10 or 11: Toggle OCnA on
Compare Match, OCnB disconnected (normal
port operation). For all other WGM1 settings,
normal port operation, OC1A/OC1B
disconnected.
1
0
Clear OCnA/OCnB on Compare Match when up-
counting. Set OCnA/OCnB on Compare Match
when downcounting.
1
1
Set OCnA/OCnB on Compare Match when up-
counting. Clear OCnA/OCnB on Compare Match
when downcounting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com