Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM2 Datasheet(PDF) 144 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 144 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 140Page - ATMEL Corporation AT90PWM2 Datasheet HTML 141Page - ATMEL Corporation AT90PWM2 Datasheet HTML 142Page - ATMEL Corporation AT90PWM2 Datasheet HTML 143Page - ATMEL Corporation AT90PWM2 Datasheet HTML 144Page - ATMEL Corporation AT90PWM2 Datasheet HTML 145Page - ATMEL Corporation AT90PWM2 Datasheet HTML 146Page - ATMEL Corporation AT90PWM2 Datasheet HTML 147Page - ATMEL Corporation AT90PWM2 Datasheet HTML 148Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 365 page
background image
144
AT90PWM2/3
4317A-3–AVR–02/05
Then the frequency resolution is divided by 16. In the example above, the resolution
equals 25 Hz.
Frequency distribution
The frequency modulation is done by switching two frequencies in a 16 consecutive
cycle frame. These two frequencies are f
b1 and fb2 where fb1 is the nearest base fre-
quency above the wanted frequency and f
b2 is the nearest base frequency below the
wanted frequency. The number of f
b1 in the frame is (d-16) and the number of fb2 is d.
The f
b1 and fb2 frequencies are evenly distributed in the frame according to a predefined
pattern. This pattern can be as given in the following table or by any other implementa-
tion which give an equivallent evenly distribution.
Table 56. Distribution of f
b2 in the modulated frame
While ‘X’ in the table, f
b2 prime to fb1 in cycle corresponding cycle.
So for each row, a number of fb2 take place of fb1.
f
AV ERAGE
16
d
–
16
---------------
f
PLL
n
----------
×
d
16
------
f
PLL
n
1
+
------------
×
+
=
Distribution of fb2 in the modulated frame
PWM - cycle
Fractional
Divider (d)
012
345
678
910
11
12
13
14
15
0
1
X
2
XX
3
XXX
4
XXX
X
5
XX
X
X
X
6
X
X
X
XXX
7
X
XXX
XXX
8
X
XXX
XXX
X
9
X
X
XXX
XXX
X
10
X
X
XXX
X
X
XX
X
11
XXX
XX
X
X
XX
X
X
12
XXX
XX
X
X
XX
XXX
13
XXX
XXX
X
X
XX
XXX
14
XXX
XXX
X
X
XXX
XXX
15
XXX
XXX
XXX
XXX
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com