Electronic Components Datasheet Search
  English  ▼

X  

ADRF6650 Datasheet(PDF) 32 Page - Analog Devices

Part # ADRF6650
Description  Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6650 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADRF6650 Datasheet HTML 28Page - Analog Devices ADRF6650 Datasheet HTML 29Page - Analog Devices ADRF6650 Datasheet HTML 30Page - Analog Devices ADRF6650 Datasheet HTML 31Page - Analog Devices ADRF6650 Datasheet HTML 32Page - Analog Devices ADRF6650 Datasheet HTML 33Page - Analog Devices ADRF6650 Datasheet HTML 34Page - Analog Devices ADRF6650 Datasheet HTML 35Page - Analog Devices ADRF6650 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
ADRF6650
Data Sheet
Rev. A | Page 32 of 61
IF FREQUENCY (MHz)
100
0
200
300
400
500
600
30
25
20
15
10
35
5
0
100Ω
200Ω
Figure 58. IF Gain vs. IF Frequency for Various Loads
IF FREQUENCY (MHz)
50
0
100
150
200
250
300
350
400
500
450
100Ω
200Ω
60
40
50
30
20
10
0
Figure 59. OIP3 vs. IF Frequency for Various Loads
IF FREQUENCY (MHz)
100
60
40
120
80
20
106
156
206
256
306
356
406
456
56
0
HD2
HD3
100Ω
200Ω
Figure 60. HD2/HD3 vs. IF Frequency for Various Loads
As mentioned previously in this section, the IF outputs are
optimized for a load of 100 Ω; however, this may not be the
most readily available load impedance. As a result, load vs.
performance trade-offs must be considered. Use Figure 58
through Figure 60 as guides only; do not interpret them in the
absolute sense. The results are obtained for one chip under
nominal voltage and supply.
ADC INTERFACING
The integrated IF DVGA of the ADRF6650 provides variable
and sufficient drive capability for both buffered and unbuffered
ADCs. The DVGA also provides isolation between the sampling
edges of the ADC and the mixer core. As result, only a selective
band-pass filter is required when interfacing with an ADC.
The filter resides between the ADRF6650 and the ADC. The
band-pass filter eliminates all out-of-band signals that might
degrade the performance of the ADRF6650 and ADC pair. The
band-pass filter center and bandwidth are selected for the
specific application, that is, the topology, system requirements,
signal bandwidth, ADC type, and sampling rate. The type and
the order of the filter are chosen by taking into account the
trade-off between the amount of rejection required and the
insertion loss. In this section, a filter design is explained for a
band-pass sampling use case with a step by step analysis.
Band-pass sampling is a popular way of reconstructing the
information from the received signals, especially for wireless
communication standards with high dynamic range requirements.
Band-pass sampling relies on the idea that the sampling rate
required to completely represent an analog signal is twice the
highest frequency of signal bandwidth of interest. With this
fact, a signal at a high IF frequency can be reconstructed by
accurately placing the signal of interest to one of the Nyquist
zones. To better illustrate the idea, a case for IF center frequency
of 187.5 MHz with a signal bandwidth of 30 MHz is considered.
To place the signal bandwidth to the first Nyquist zone, a
sampling rate of 250 MSPS is adequate, which puts the center
frequency of the retrieved signal to 62.5 MHz. One important
consideration for the band-pass sampling is that all of the
Nyquist zones fold on top of each other, which reduces the
available dynamic range. To overcome excessive noise due to
folding, employ a sharp antialiasing filter between the
ADRF6650 and the ADC.
To determine a proper candidate for the ADC, consider the signal-
to-noise ratio (SNR)/spurious-free dynamic range (SFDR) and
analog input bandwidth requirements. The SNR/SFDR require-
ments are provided for a given input power. Considering a
standard LTE uplink signal with a peak-to-average power ratio
(PAPR) of 8 dB to 10 dB, the average input signal power is backed
off at least 10 dB from the full scale. The SNR/SFDR of the
ADC at the backed off level allows a dynamic range compatible
with the system requirements. The analog input specification, alter-
natively, must be able to cope with the high IF frequency signal
(centered at 187.5 MHz). With these requirements in mind, the
AD9694 14-bit, 500 MSPS ADC or the AD6684 135 MHz quad
IF receiver are proper candidates with an SNR of 68 dBFS and
SFDR of 97 dBFS at 10 dB back-off from full scale.
The IF center frequency of the received signal (187.5 MHz) is
on the second Nyquist zone for a sampling rate of 250 MSPS.
The antialiasing filter provides enough rejection on other
Nyquist zones so that inherent folding of the zones does not
degrade the SNR and SFDR of the ADC. Considering that there



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com