Electronic Components Datasheet Search
  English  ▼

X  

ADRF6650 Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF6650
Description  Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6650 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF6650 Datasheet HTML 17Page - Analog Devices ADRF6650 Datasheet HTML 18Page - Analog Devices ADRF6650 Datasheet HTML 19Page - Analog Devices ADRF6650 Datasheet HTML 20Page - Analog Devices ADRF6650 Datasheet HTML 21Page - Analog Devices ADRF6650 Datasheet HTML 22Page - Analog Devices ADRF6650 Datasheet HTML 23Page - Analog Devices ADRF6650 Datasheet HTML 24Page - Analog Devices ADRF6650 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
Data Sheet
ADRF6650
Rev. A | Page 21 of 61
SPURIOUS PERFORMANCE
(N × fRF) − (M × fLO) spur measurements were made using the standard evaluation board. Mixer spurious products were measured in
decibels (dB) relative to the carrier (dBc) from the IF output power level. IF = 184 MHz, and RF spur frequency is found with the formula;
fRF_SPUR = ((M × fLO) + fIF))/N. Data is shown for all spurious components greater than −115 dBc and frequencies of less than 2.7 GHz.
Table 10. 900 MHz Spurious Performance
N
M = 1
M = 2
M = 3
M = 4
M = 5
M = 6
1
Not applicable
−53
−10.5
−49
−17
Not applicable
2
Not applicable
−84
Not applicable
Not applicable
Not applicable
Not applicable
3
Not applicable
Not applicable
−115
Not applicable
−115
Not applicable
4
Not applicable
Not applicable
Not applicable
Not applicable
Not applicable
Not applicable
5
Not applicable
Not applicable
Not applicable
Not applicable
Not applicable
Not applicable
6
Not applicable
Not applicable
Not applicable
Not applicable
Not applicable
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com