Electronic Components Datasheet Search
  English  ▼

X  

ADRF6650 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF6650
Description  Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6650 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF6650 Datasheet HTML 4Page - Analog Devices ADRF6650 Datasheet HTML 5Page - Analog Devices ADRF6650 Datasheet HTML 6Page - Analog Devices ADRF6650 Datasheet HTML 7Page - Analog Devices ADRF6650 Datasheet HTML 8Page - Analog Devices ADRF6650 Datasheet HTML 9Page - Analog Devices ADRF6650 Datasheet HTML 10Page - Analog Devices ADRF6650 Datasheet HTML 11Page - Analog Devices ADRF6650 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
ADRF6650
Data Sheet
Rev. A | Page 8 of 61
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
fLO = 2350 MHz, fVCO = 4700 MHz
Closed-Loop Phase Noise
1 kHz offset
−103
dBc/Hz
10 kHz offset
−101
dBc/Hz
100 kHz offset
−116
dBc/Hz
950 kHz offset
−140
dBc/Hz
2.1 MHz offset
−147
dBc/Hz
3.5 MHz offset
−151
dBc/Hz
7.5 MHz offset
−156
dBc/Hz
10 MHz offset
−156
dBc/Hz
100 MHz offset
−157
dBc/Hz
Integrated Phase Noise and Spurs
100 Hz to 10 MHz integration bandwidth
0.16
°rms
fLO = 2720 MHz, fVCO = 5440 MHz
Closed-Loop Phase Noise
1 kHz offset
−102
dBc/Hz
10 kHz offset
−99
dBc/Hz
100 kHz offset
−114
dBc/Hz
950 kHz offset
−137
dBc/Hz
2.1 MHz offset
−144
dBc/Hz
3.5 MHz offset
−148
dBc/Hz
7.5 MHz offset
−153
dBc/Hz
10 MHz offset
−155
dBc/Hz
100 MHz offset
−156
dBc/Hz
Integrated Phase Noise and Spurs
100 Hz to 10 MHz integration bandwidth
0.2
°rms
1
Auxiliary LO output measurements are performed under daisy-chain configuration with another ADRF6650 device. Measurements are taken from the auxiliary LO
output of the daisy-chained ADRF6650.
DIGITAL LOGIC SPECIFICATIONS
Table 5.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
ALL DIGITAL INPUTS/OUTPUTS
Input Voltage
Logic Low
VIL
0
0.5
V
Logic High
VIH
1.2
3.6
V
Input Current
Logic High
IIH
−100
+100
µA
Logic Low
IIL
−100
+100
µA
Output Voltage
Logic Low
VOL
0
0.4
V
Logic High
VOH
When driving loads with complementary metal-
oxide semiconductor (CMOS) 1.8 V interface
1.4
1.8
V
When driving loads with CMOS 3.3 V interface
2.4
3.3
V
Output Driving Current
Logic High
IOH
1
2
mA
Logic Low
IOL
1
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com