Electronic Components Datasheet Search
  English  ▼

X  

ADRF6650 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6650
Description  Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6650 Datasheet(HTML) 1 Page - Analog Devices

  ADRF6650 Datasheet HTML 1Page - Analog Devices ADRF6650 Datasheet HTML 2Page - Analog Devices ADRF6650 Datasheet HTML 3Page - Analog Devices ADRF6650 Datasheet HTML 4Page - Analog Devices ADRF6650 Datasheet HTML 5Page - Analog Devices ADRF6650 Datasheet HTML 6Page - Analog Devices ADRF6650 Datasheet HTML 7Page - Analog Devices ADRF6650 Datasheet HTML 8Page - Analog Devices ADRF6650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
Dual Downconverter with DVGA and
PLL/VCO, 450 MHz to 2700 MHz
Data Sheet
ADRF6650
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual down-converter with integrated fractional-N PLL/VCO
RF: 450 MHz to 2700 MHz continuous
LO frequency: 450 MHz to 2900 MHz,
high-side or low-side injection
43 dB gain control range
Gain control with up/down and SPI
Integrated RF balun for single-ended 50 Ω inputs
Power supply: 3.3 and 5 V
8 mm × 8 mm, 56-lead LFCSP package
APPLICATIONS
Multiband/multistandard cellular base station diversity
receivers
Wideband radio link diversity downconverters
Multimode cellular extenders and picocells
GENERAL DESCRIPTION
The ADRF6650 is a highly integrated downconverter that
integrates dual mixers, dual digital switched attenuators, dual
digital variable gain amplifiers, a phase-locked loop (PLL), and
voltage controlled oscillators (VCOs). In addition, the ADRF6650
integrates two radio frequency (RF) baluns, serial gain control
(SGC) controls, and fast enable inputs for time division duplex
(TDD) operation.
The on-chip RF baluns enable the ADRF6650 to support 50 Ω
terminated RF inputs. The integrated passive mixer provides a
highly linear downconversion for a 200 MHz, sliding, intermediate
frequency (IF) window. The ADRF6650 uses broadband square
wave limiting local oscillator (LO) amplifiers to achieve an RF
bandwidth of 450 MHz to 2700 MHz. Unlike conventional
narrow-band sine wave LO amplifier solutions, this amplifier
permits the LO to be applied either above or below the RF input
over an extremely wide bandwidth.
The ADRF6650 offers two alternatives for generating the differ-
ential LO input signal: internally via the on-chip fractional-N
synthesizer with low phase noise VCOs, or externally via a low
phase noise LO signal. The integrated PLL/VCO enables contin-
uous LO coverage from 450 MHz to 2900 MHz. The PLL reference
input supports a wide frequency range and includes integrated
reference dividers before the phase frequency detector (PFD).
The ADRF6650 is fabricated using an advanced silicon-germa-
nium (SiGe) bipolar complementary metal-oxide semiconductor
(BiCMOS) process. It is available in a 56-lead, RoHS-compliant,
8 mm × 8 mm, lead frame chip scale package (LFCSP) package
with an exposed pad. Performance is specified over the −40°C to
+105°C maximum paddle temperature.


Similar Part No. - ADRF6650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6655 AD-ADRF6655 Datasheet
1Mb / 44P
Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6655-EVALZ AD-ADRF6655-EVALZ Datasheet
1Mb / 44P
Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6655ACPZ-R7 AD-ADRF6655ACPZ-R7 Datasheet
1Mb / 44P
Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6658 AD-ADRF6658 Datasheet
679Kb / 31P
Wideband, Dual Rx Mixers with Integrated IF Amplifiers
11/15-Rev. 0 to Rev. A
ADRF6658BCPZ AD-ADRF6658BCPZ Datasheet
679Kb / 31P
Wideband, Dual Rx Mixers with Integrated IF Amplifiers
11/15-Rev. 0 to Rev. A
More results

Similar Description - ADRF6650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6603 AD-ADRF6603 Datasheet
504Kb / 24P
2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6801 AD-ADRF6801 Datasheet
1Mb / 36P
750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
REV. 0
ADRF6806ACPZ-R7 AD-ADRF6806ACPZ-R7 Datasheet
965Kb / 36P
50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
REV. B
ADRF6620 AD-ADRF6620 Datasheet
2Mb / 52P
700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
REV. 0
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
1/14-Rev. A to Rev. B
ADRF6612 AD-ADRF6612 Datasheet
2Mb / 57P
700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
5/2016-Rev. 0 to Rev. A
ADRF6614 AD-ADRF6614 Datasheet
2Mb / 61P
700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
3/16-Revision 0
ADRF6806 AD-ADRF6806 Datasheet
965Kb / 36P
50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
3/12-Rev. A to Rev. B
ADRF6821 AD-ADRF6821 Datasheet
1Mb / 61P
450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
8/2018-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com