Electronic Components Datasheet Search
  English  ▼

X  

ADRF6650 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF6650
Description  Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6650 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF6650 Datasheet HTML 3Page - Analog Devices ADRF6650 Datasheet HTML 4Page - Analog Devices ADRF6650 Datasheet HTML 5Page - Analog Devices ADRF6650 Datasheet HTML 6Page - Analog Devices ADRF6650 Datasheet HTML 7Page - Analog Devices ADRF6650 Datasheet HTML 8Page - Analog Devices ADRF6650 Datasheet HTML 9Page - Analog Devices ADRF6650 Datasheet HTML 10Page - Analog Devices ADRF6650 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
Data Sheet
ADRF6650
Rev. A | Page 7 of 61
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
fVCO = 6260 MHz
10 kHz offset
−82
dBc/Hz
100 kHz offset
−108
dBc/Hz
1 MHz offset
−130
dBc/Hz
10 MHz offset
−150
dBc/Hz
fVCO = 7060 MHz
10 kHz offset
−80
dBc/Hz
100 kHz offset
−106
dBc/Hz
1 MHz offset
−127
dBc/Hz
10 MHz offset
−147
dBc/Hz
SYNTHESIZER SPECIFICATIONS
Fractional Figure of Merit (FOM)
−227
dBc/Hz
Flicker FOM
−262
dBc/Hz
fPFD Spurs1
At the input of internal mixer and daisy-chained
ADRF6650 mixer
fPFD × 1
−90
dBc
fPFD × 2
−95
dBc
fPFD × 3 and Higher
−95
dBc
Unwanted Spurs (Other Than PFD and
Harmonics)1
At the input of internal mixer and daisy-chained
ADRF6650 mixer
−70
dBc
LO Frequency (fLO) = 1050 MHz, fVCO =
4200 MHz
Closed-Loop Phase Noise
1 kHz offset
−110
dBc/Hz
10 kHz offset
−107
dBc/Hz
100 kHz offset
−122
dBc/Hz
600 kHz offset
−141
dBc/Hz
800 kHz offset
−143
dBc/Hz
1.6 MHz offset
−149
dBc/Hz
3 MHz offset
−153
dBc/Hz
10 MHz offset
−157
dBc/Hz
100 MHz offset
−159
dBc/Hz
Integrated Phase Noise and Spurs
100 Hz to 10 MHz integration bandwidth
0.08
°rms
fLO = 1565 MHz, fVCO = 6260 MHz
Closed-Loop Phase Noise
1 kHz offset
−106
dBc/Hz
10 kHz offset
−102
dBc/Hz
100 kHz offset
−119
dBc/Hz
600 kHz offset
−137
dBc/Hz
800 kHz offset
−140
dBc/Hz
1.6 MHz offset
−145
dBc/Hz
3 MHz offset
−151
dBc/Hz
10 MHz offset
−156
dBc/Hz
100 MHz offset
−157
dBc/Hz
Integrated Phase Noise and Spurs
100 Hz to 10 MHz integration bandwidth
0.13
°rms
fLO = 1765 MHz, fVCO = 7060 MHz
Closed-Loop Phase Noise
1 kHz offset
−102
dBc/Hz
10 kHz offset
−97
dBc/Hz
100 kHz offset
−117
dBc/Hz
950 kHz offset
−138
dBc/Hz
2.1 MHz offset
−145
dBc/Hz
3.5 MHz offset
−149
dBc/Hz
7.5 MHz offset
−153
dBc/Hz
10 MHz offset
−156
dBc/Hz
100 MHz offset
−158
dBc/Hz
Integrated Phase Noise and Spurs
100 Hz to 10 MHz integration bandwidth
0.2
°rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com