Electronic Components Datasheet Search
  English  ▼

X  

ADRF6650 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6650
Description  Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6650 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6650 Datasheet HTML 5Page - Analog Devices ADRF6650 Datasheet HTML 6Page - Analog Devices ADRF6650 Datasheet HTML 7Page - Analog Devices ADRF6650 Datasheet HTML 8Page - Analog Devices ADRF6650 Datasheet HTML 9Page - Analog Devices ADRF6650 Datasheet HTML 10Page - Analog Devices ADRF6650 Datasheet HTML 11Page - Analog Devices ADRF6650 Datasheet HTML 12Page - Analog Devices ADRF6650 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
Data Sheet
ADRF6650
Rev. A | Page 9 of 61
Serial Peripheral Interface (SPI) Timing
Table 6.
Parameter
Description
Min
Typ
Max
Unit
tDS
SDI to SCLK rising edge setup
8
ns
tDH
SCLK rising edge to SDI hold
8
ns
tCLK
Period of SCLK
50
ns
tHIGH
High width of SCLK
25
ns
tLOW
Low width of SCLK
25
ns
tS
CS falling edge to SCLK rising edge, setup time
10
ns
tC
SCLK rising edge to CS rising edge, hold time
30
ns
tDV
SCLK falling edge to valid readback data, SDIO/SDO; not shown in Figure 2
18
ns
SPI Timing Diagram
S
DS
DH
tHIGH
tLOW
CLK
tC
DON'T CARE
DON'T CARE
A10
A9
DON'T CARE
DON'T CARE
R/W
CS
Figure 2. Serial Control Port Write Timing—MSB First, 16-Bit Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com