Electronic Components Datasheet Search
  English  ▼

X  

ADRF6650 Datasheet(PDF) 49 Page - Analog Devices

Part # ADRF6650
Description  Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6650 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADRF6650 Datasheet HTML 45Page - Analog Devices ADRF6650 Datasheet HTML 46Page - Analog Devices ADRF6650 Datasheet HTML 47Page - Analog Devices ADRF6650 Datasheet HTML 48Page - Analog Devices ADRF6650 Datasheet HTML 49Page - Analog Devices ADRF6650 Datasheet HTML 50Page - Analog Devices ADRF6650 Datasheet HTML 51Page - Analog Devices ADRF6650 Datasheet HTML 52Page - Analog Devices ADRF6650 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
Data Sheet
ADRF6650
Rev. A | Page 49 of 61
Address: 0x1032, Reset: 0x02, Name: GPO1_CONTROL
Enab le the GPO1 Outp ut
Selec t Whic h Bloc k to Tak e the Signal
fro m
0
0
1
1
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 ] RES ERV ED
[ 0 ] GP O 1 _EN ABLE ( R/W )
[ 6 :3 ] GP O 1 _BLK_S EL ( R/W )
[ 2 :1 ] RES ERV ED
Table 58. Bit Descriptions for GPO1_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R/W
[6:3]
GPO1_BLK_SEL
Select Which Block to Take the Signal from
0x0
R/W
[2:1]
RESERVED
Reserved.
0x0
R/W
0
GPO1_ENABLE
Enable the GPO1 Output
0x0
R/W
Address: 0x1033, Reset: 0x00, Name: GPO1_SELECT
Se le c tio n o f Whic h Sig nal to Outp ut
fr om the Selec ted Bloc k
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 : 0 ] GPO 1 _SGN L_SEL ( R/W )
Table 59. Bit Descriptions for GPO1_SELECT
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
GPO1_SGNL_SEL
Selection of Which Signal to Output from the Selected Block
0x0
R/W
Address: 0x1109, Reset: 0x0A, Name: SIG_PATH_9_NORMAL
0
0
1
1
2
0
3
1
4
0
5
0
6
0
7
0
[7:5] RESERVED
[0] RESERVED
[4:3] TRM_MIXLODRV_DRV_POUT (R/W)
[2:1] TRM_XLODRV_DRV_POUT (R/W)
Table 60. Bit Descriptions for SIG_PATH_9_NORMAL
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved
0x0
R
[4:3]
TRM_MIXLODRV_DRV_POUT
LO Output to Mixer Power Level
0x1
R/W
[2:1]
TRM_XLODRV_DRV_POUT
Auxiliary LO output Power Level
0x1
R/W
0
RESERVED
Reserved
0x0
R
Address: 0x1200, Reset: 0x89, Name: INT_L
Integer - N Wor d, Optionally Double Buffer ed.
0
1
1
0
2
0
3
1
4
0
5
0
6
0
7
1
[ 7 :0 ] IN T _D IV [ 7 :0 ] ( R/W )
Table 61. Bit Descriptions for INT_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
INT_DIV[7:0]
Integer-N Word, Optionally Double Buffered. Writing the LSB of
the integer word normally causes an autotune event.
0x189
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com