Electronic Components Datasheet Search
  English  ▼

X  

ADRF6650 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6650
Description  Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6650 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6650 Datasheet HTML 16Page - Analog Devices ADRF6650 Datasheet HTML 17Page - Analog Devices ADRF6650 Datasheet HTML 18Page - Analog Devices ADRF6650 Datasheet HTML 19Page - Analog Devices ADRF6650 Datasheet HTML 20Page - Analog Devices ADRF6650 Datasheet HTML 21Page - Analog Devices ADRF6650 Datasheet HTML 22Page - Analog Devices ADRF6650 Datasheet HTML 23Page - Analog Devices ADRF6650 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
ADRF6650
Data Sheet
Rev. A | Page 20 of 61
–60
–50
–40
–30
–20
–10
0
1000
1380
1760
2140
2520
2900
LO FREQUENCY
HD2
HD3
Figure 45. LO HD2/HD3 vs. LO Frequency
–10
–8
–6
–4
–2
0
2
4
6
8
10
450
940
1430
1920
2410
2900
LO FREQUENCY (MHz)
–40°C
+27°C
+105°C
Figure 46. LO Output Power vs. LO Frequency
2900
–20
–16
–12
–8
–4
0
4
8
12
16
20
450
940
1430
1920
2410
LO FREQUENCY (MHz)
LO OUT LEVEL = 0
LO OUT LEVEL = 1
LO OUT LEVEL = 2
LO OUT LEVEL = 3
Figure 47. LO Output Power vs. LO Frequency, for Various
Output Power Level Settings
2098.5
2099.0
2099.5
2100.0
2100.5
2101.0
2101.5
0
100
200
300
400
500
600
TIME (µs)
Figure 48. LO Frequency Settling Time, fLO = 2.1 GHz
–40
–35
–30
–25
–20
–15
–10
–5
0
450
940
1430
1920
2410
2900
LO FREQUENCY (MHz)
EXTERNAL LO INPUTS
AUXILIARY LO OUTPUTS
Figure 49. Auxiliary Output Return Loss, External LO Input Return Loss vs.
LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com