Electronic Components Datasheet Search
  English  ▼

X  

ADRF6650 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6650
Description  Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6650 Datasheet(HTML) 4 Page - Analog Devices

  ADRF6650 Datasheet HTML 1Page - Analog Devices ADRF6650 Datasheet HTML 2Page - Analog Devices ADRF6650 Datasheet HTML 3Page - Analog Devices ADRF6650 Datasheet HTML 4Page - Analog Devices ADRF6650 Datasheet HTML 5Page - Analog Devices ADRF6650 Datasheet HTML 6Page - Analog Devices ADRF6650 Datasheet HTML 7Page - Analog Devices ADRF6650 Datasheet HTML 8Page - Analog Devices ADRF6650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
ADRF6650
Data Sheet
Rev. A | Page 4 of 61
SPECIFICATIONS
VCC_DVGA_A/VCC_DVGA_B = 5 V, remaining supplies = 3.3 V, TA = 25°C, low-side LO injection, fIF = 184 MHz, internal LO, maximum
gain setting, 5 V high performance settings, unless otherwise noted. All losses from input and output traces and baluns are de-embedded
from results.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF INPUT INTERFACE
Return Loss
RFIN_A/RFIN_B internally matched to 50 Ω
−10
dB
Input Impedance
50
Ω
RF Frequency Range
450
2700
MHz
IF OUTPUT INTERFACE
Return loss
IF output with 100 Ω differential load (25 Ω external
resistors are required on each differential output pin)
−10
dB
Output Impedance
Differential impedance
10
Ω
LO INPUT INTERFACE
External LO operation, differential
Required Input Power
−6
+6
dBm
Input Impedance
100
Ω
Return Loss
−10
dB
Frequency Range
Low-side or high-side LO
450
2900
MHz
LO OUTPUT INTERFACE
Differential
Power1
TRM_XLODRV_DRV_POUT = 01
fLO = 900 MHz
0
dBm
fLO = 1800 MHz
1
dBm
fLO = 2700 MHz
0
dBm
Output Impedance
50
Ω
Return Loss
−10
dB
Frequency Range
Low-side or high-side LO
450
2900
MHz
POWER SUPPLY
VCC_DVGA_A and VCC_DVGA_B2
5 V mode
4.75
5.0
5.25
V
3.3 V mode
3.1
3.3
3.5
V
PLL/VCO Supplies3
3.2
3.3
3.4
V
RF and IF Supplies
3.1
3.3
3.5
V
POWER CONSUMPTION
Total
fLO = 1050 MHz
Internal LO
2.6
W
Internal LO, auxiliary LO output buffer disabled
2.4
W
fLO = 1565 MHz
Internal LO
2.7
W
Internal LO, auxiliary LO output buffer disabled
2.5
W
fLO = 2350 MHz
Internal LO
2.6
W
Internal LO, auxiliary LO output buffer disabled
2.47
W
1
For details on LO output power setting, see the LO Generation Block section.
2
For the 3.3 V DVGA supply option, see the Applications Information section.
3
Design practices for the best noise performance are discussed in the Applications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com