Electronic Components Datasheet Search
  English  ▼

X  

ADRF6650 Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF6650
Description  Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6650 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF6650 Datasheet HTML 14Page - Analog Devices ADRF6650 Datasheet HTML 15Page - Analog Devices ADRF6650 Datasheet HTML 16Page - Analog Devices ADRF6650 Datasheet HTML 17Page - Analog Devices ADRF6650 Datasheet HTML 18Page - Analog Devices ADRF6650 Datasheet HTML 19Page - Analog Devices ADRF6650 Datasheet HTML 20Page - Analog Devices ADRF6650 Datasheet HTML 21Page - Analog Devices ADRF6650 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
ADRF6650
Data Sheet
Rev. A | Page 18 of 61
PHASE-LOCKED LOOP (PLL)
VCC_DVGA_x = 5 V, VCCx = 3.3 V, TA = 27°C, fPFD = 30.72 MHz, fREF = 122.88 MHz, 20 kHz loop filter, measured at the LO output,
unless otherwise noted. All losses from input and output traces and baluns are de-embedded from results.
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.001
0.01
0.1
1
10
100
OFFSET FREQUENCY (MHz)
–40°C
+27°C
+105°C
Figure 33. Open-Loop VCO Phase Noise vs. Offset Frequency, fLO = 2350 MHz,
fVCO = 4700 MHz
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.001
0.01
0.1
1
10
100
OFFSET FREQUENCY (MHz)
VCO = 4GHz
VCO = 4.7GHz
VCO = 5.6GHz
VCO = 6.8GHz
Figure 34. Open-Loop VCO Phase Noise vs. Offset Frequency, for Various VCO
Frequencies, Divide by 2 Selected
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
0.001
0.01
0.1
1
10
100
OFFSET FREQUENCY (MHz)
Figure 35. Closed-Loop Phase Noise vs. Offset Frequency for fLO = 1565 MHz
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
0.001
0.01
0.1
1
10
100
OFFSET FREQUENCY (MHz)
Figure 36. Closed-Loop Phase Noise vs. Offset Frequency for fLO = 1765 MHz
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
0.001
0.01
0.1
1
10
100
OFFSET FREQUENCY (MHz)
Figure 37. Closed-Loop Phase Noise vs. Offset Frequency for fLO = 2350 MHz
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
0.001
0.01
0.1
1
10
100
OFFSET FREQUENCY (MHz)
Figure 38. Closed-Loop Phase Noise vs. Offset Frequency for fLO = 2720 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com