Electronic Components Datasheet Search
  English  ▼

X  

ADGS1209 Datasheet(PDF) 29 Page - Analog Devices

Part # ADGS1209
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1209 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADGS1209 Datasheet HTML 25Page - Analog Devices ADGS1209 Datasheet HTML 26Page - Analog Devices ADGS1209 Datasheet HTML 27Page - Analog Devices ADGS1209 Datasheet HTML 28Page - Analog Devices ADGS1209 Datasheet HTML 29Page - Analog Devices ADGS1209 Datasheet HTML 30Page - Analog Devices ADGS1209 Datasheet HTML 31Page - Analog Devices ADGS1209 Datasheet HTML 32Page - Analog Devices ADGS1209 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Data Sheet
ADGS1208/ADGS1209
Rev. 0 | Page 29 of 33
REGISTER DETAILS
SWITCH DATA REGISTER
Address: 0x01, Reset: 0x00, Name: SW_DATA
The switch data register controls the status of the eight switches of the ADGS1208/ADGS1209 as well as the general-purpose digital
outputs. Use the ADGS1208/ADGS1209 truth tables in conjunction with the bit descriptions.
Table 13. Bit Descriptions for SW_DATA in the ADGS1208
Bits
Bit Name
Settings
Description
Default
Access
7
GPO4
Enable bit for GPO4.
0x0
R/W
6
GPO3
Enable bit for GPO3.
0x0
R/W
5
GPO2
Enable bit for GPO2.
0x0
R/W
4
GPO1
Enable bit for GPO1.
0x0
R/W
3
A2
Enable bit for A2.
0x0
R/W
2
A1
Enable bit for A1.
0x0
R/W
1
A0
Enable bit for A0.
0x0
R/W
0
EN
Enable bit for the ADGS1208.
0x0
R/W
0
ADGS1208 disabled.
1
ADGS1208 enabled.
Table 14. Bit Descriptions for SW_DATA ADGS1209
Bits
Bit Name
Settings
Description
Default
Access
7
GPO4
Enable bit for GPO4.
0x0
R/W
6
GPO3
Enable bit for GPO3.
0x0
R/W
5
GPO2
Enable bit for GPO2.
0x0
R/W
4
GPO1
Enable bit for GPO1.
0x0
R/W
3
Reserved
This bit is reserved. Set this bit to 0.
0x0
R
2
A1
Enable bit for A1.
0x0
R/W
1
A0
Enable bit for A0.
0x0
R/W
0
EN
Enable bit for ADGS1209.
0x0
R/W
0
ADGS1209 disabled.
1
ADGS1209 enabled.
Table 15. ADGS1208 Truth Table
A2
A1
A0
EN
On Switch
X
X
X
0
None
0
0
0
1
S1
0
0
1
1
S2
0
1
0
1
S3
0
1
1
1
S4
1
0
0
1
S5
1
0
1
1
S6
1
1
0
1
S7
1
1
1
1
S8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com