Electronic Components Datasheet Search
  English  ▼

X  

ADGS1209 Datasheet(PDF) 5 Page - Analog Devices

Part # ADGS1209
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1209 Datasheet(HTML) 5 Page - Analog Devices

  ADGS1209 Datasheet HTML 1Page - Analog Devices ADGS1209 Datasheet HTML 2Page - Analog Devices ADGS1209 Datasheet HTML 3Page - Analog Devices ADGS1209 Datasheet HTML 4Page - Analog Devices ADGS1209 Datasheet HTML 5Page - Analog Devices ADGS1209 Datasheet HTML 6Page - Analog Devices ADGS1209 Datasheet HTML 7Page - Analog Devices ADGS1209 Datasheet HTML 8Page - Analog Devices ADGS1209 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Data Sheet
ADGS1208/ADGS1209
Rev. 0 | Page 5 of 33
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
0.002
μA typ
All switches open
1.0
μA max
220
μA typ
All switches closed, VL = 5.5 V
380
μA max
270
μA typ
All switches closed, VL = 2.7 V
440
μA max
IL
Inactive
6.3
μA typ
Digital inputs = 0 V or VL
8.0
μA max
Inactive, SCLK = 1 MHz
14
μA typ
CSE = VL and SDI = 0 V or VL,
VL = 5 V
7
μA typ
CSE = VL and SDI = 0 V or VL,
VL = 3 V
SCLK = 50 MHz
390
μA typ
CSE = VL and SDI = 0 V or VL,
VL = 5 V
210
μA typ
CSE = VL and SDI = 0 V or VL,
VL = 3 V
Inactive, SDI = 1 MHz
15
μA typ
CSE and SCLK = 0 V or VL, VL = 5 V
7.5
μA typ
CSE and SCLK = 0 V or VL, VL = 3 V
SDI = 25 MHz
230
μA typ
CSE and SCLK = 0 V or VL, VL = 5 V
120
μA typ
CSE and SCLK = 0 V or VL, VL = 3 V
Active at 50 MHz
1.8
mA typ
Digital inputs toggle between
0 V and VL, VL = 5.5 V
2.1
mA max
0.7
mA typ
Digital inputs toggle between
0 V and VL, VL = 2.7 V
1.0
mA max
ISS
0.002
μA typ
Digital inputs = 0 V or VL
1.0
μA max
VDD/VSS
±4.5
V min
GND = 0 V
±16.5
V max
GND = 0 V
1 Guaranteed by design; not subject to production test.
12 V SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, VL = 2.7 V to 5.5 V, and GND = 0 V, unless otherwise noted.
Table 2.
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
380
Ω typ
VS = 0 V to 10 V, IS = −1 mA,
see Figure 39
475
570
625
Ω max
VDD = 10.8 V, VSS = 0 V
On Resistance Match Between
Channels, ∆RON
5
Ω typ
VS = 0 V to 10 V, IS = −1 mA
16
26
27
Ω max
On Resistance Flatness, RFLAT (ON)
200
Ω typ
VS = 0 V to 10 V, IS = −1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com