Electronic Components Datasheet Search
  English  ▼

X  

ADGS1209 Datasheet(PDF) 27 Page - Analog Devices

Part # ADGS1209
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1209 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADGS1209 Datasheet HTML 23Page - Analog Devices ADGS1209 Datasheet HTML 24Page - Analog Devices ADGS1209 Datasheet HTML 25Page - Analog Devices ADGS1209 Datasheet HTML 26Page - Analog Devices ADGS1209 Datasheet HTML 27Page - Analog Devices ADGS1209 Datasheet HTML 28Page - Analog Devices ADGS1209 Datasheet HTML 29Page - Analog Devices ADGS1209 Datasheet HTML 30Page - Analog Devices ADGS1209 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Data Sheet
ADGS1208/ADGS1209
Rev. 0 | Page 27 of 33
APPLICATIONS INFORMATION
DIGITAL INPUT BUFFERS
There are input buffers present on the digital input pins (CS,
SCLK, and SDI). These buffers are active at all times; as result,
there is current draw from the VL supply if SCLK or SDI are
toggling, regardless of whether CS is active. For typical values of
this current draw, refer to the Specifications section and Figure 31.
SETTLING TIME
Disturbances are apparent on the source/drain when switching
between channels, as is typical with complementary metal-
oxide semiconductor (CMOS) switches and multiplexers. A
sufficient wait time is necessary for these disturbances to settle
before taking a measurement to ensure an accurate reading. The
settling time for a data acquisition system is dependent on the
load on the output of the multiplexer.
POWER SUPPLY RAILS
To guarantee correct operation of the ADGS1208/ADGS1209,
0.1 µF decoupling capacitors are required.
The ADGS1208/ADGS1209 can operate with bipolar supplies
between ±4.5 V and ±16.5 V. The supplies on VDD and VSS do
not need to be symmetrical. However, the VDD to VSS range must
not exceed 33 V. The ADGS1208/ADGS1209 can also operate
with single supplies between 5 V and 20 V with VSS connected
to GND.
The voltage range that can be supplied to VL is from 2.7 V to 5.5 V.
The device is fully specified at ±15 V and +12 V analog supply
voltage ranges.
POWER SUPPLY RECOMMENDATIONS
Analog Devices, Inc., has a wide range of power management
products to meet the requirements of most high performance
signal chains.
An example of a bipolar power solution is shown in Figure 55.
The ADP5070 dual switching regulator generates a positive and
negative supply rail for the ADGS1208/ADGS1209, amplifier,
and/or a precision converter in a typical signal chain. Also
shown in Figure 55 are two optional low dropout (LDO)
regulators, ADP7118 and ADP7182 (positive and negative,
respectively), that can be used to reduce the output ripple of the
ADP5070 in ultralow noise sensitive applications.
The ADM7160 can be used to generate the VL voltage required
to power digital circuitry within the ADGS1208/ADGS1209.
ADM7160
LDO
+3.3V
ADP7118
LDO
+15V
ADP7182
LDO
–15V
+16.5V
–16.5V
ADP5070
+5V
INPUT
.
Figure 55. Bipolar Power Solution
Table 10. Recommended Power Management Devices
Product
Description
ADP5070
1 A/0.6 A, dc-to-dc switching regulator with
independent positive and negative outputs
ADM7160
5.5 V, 200 mA, ultralow noise LDO linear regulator
ADP7118
20 V, 200 mA, low noise CMOS LDO linear regulator
ADP7182
−28 V, −200 mA, low noise LDO linear regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com