Electronic Components Datasheet Search
  English  ▼

X  

ADGS1209 Datasheet(PDF) 23 Page - Analog Devices

Part # ADGS1209
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1209 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADGS1209 Datasheet HTML 19Page - Analog Devices ADGS1209 Datasheet HTML 20Page - Analog Devices ADGS1209 Datasheet HTML 21Page - Analog Devices ADGS1209 Datasheet HTML 22Page - Analog Devices ADGS1209 Datasheet HTML 23Page - Analog Devices ADGS1209 Datasheet HTML 24Page - Analog Devices ADGS1209 Datasheet HTML 25Page - Analog Devices ADGS1209 Datasheet HTML 26Page - Analog Devices ADGS1209 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Data Sheet
ADGS1208/ADGS1209
Rev. 0 | Page 23 of 33
SCLK Count Error Detection
SCLK count error detection allows the user to detect if an
incorrect number of SCLK cycles are sent by the microcontroller/
CPU. When in address mode, with CRC disabled, 16 SCLK
cycles are expected. If 16 SCLK cycles are not detected, the
SCLK count error flag asserts in the error flags register. When
less than 16 SCLK cycles are received by the device, a write to
the register map never occurs. When the ADGS1208/ADGS1209
receive more than 16 SCLK cycles, a write to the memory map
still occurs at the 16th SCLK rising edge, and the flag asserts in
the error flags register. With CRC enabled, the expected
number of SCLK cycles is 24. SCLK count error detection is
enabled by default and can be configured by the user through
the error configuration register.
Invalid Read/Write Address Error Detection
An invalid read/write address error detects when a nonexistent
register address is a target for a read or write. In addition, this
error asserts when a write to a read only register is attempted.
The invalid read/write address error flag asserts in the error
flags register when an invalid read/write address error occurs.
The invalid read/write address error is detected on the ninth
SCLK rising edge, which means a write to the register never
occurs when an invalid address is targeted. Invalid read/write
address error detection is enabled by default and can be
disabled by the user through the error configuration register.
CLEARING THE ERROR FLAGS REGISTER
To clear the error flags register, write the special 16-bit SPI
frame, 0x6CA9, to the device. This SPI command does not
trigger the invalid read/write address error. When CRC is
enabled, the user must also send the correct CRC byte for a
successful error clear command. At the 16th or 24th SCLK rising
edge, the error flags register resets to 0.
BURST MODE
The SPI interface can accept consecutive SPI commands
without the need to de-assert the CS line, which is called burst
mode. Burst mode is enabled through the burst enable register.
This mode uses the same 16-bit command to communicate
with the device. In addition, the response of the device at SDO
is still aligned with the corresponding SPI command. Figure 48
shows an example of SDI and SDO during burst mode.
The invalid read/write address and CRC error checking functions
operate similarly during burst mode as they do during address
mode. However, SCLK count error detection operates in a
slightly different manner. The total number of SCLK cycles
within a given CS frame are counted, and if the total is not a
multiple of 16, or a multiple of 24 when CRC is enabled, the
SCLK count error flag asserts.
SDO
COMMAND0[15:0]
RESPONSE0[15:0]
COMMAND1[15:0]
RESPONSE1[15:0]
COMMAND2[15:0]
RESPONSE2[15:0]
COMMAND3[15:0]
RESPONSE3[15:0]
SDI
CS
Figure 48. Burst Mode Frame
SOFTWARE RESET
When in address mode, the user can initiate a software reset.
To do so, write two consecutive SPI commands, 0xA3 followed
by 0x05, targeting Register 0x0B. After a software reset, all
register values are set to default.
DAISY-CHAIN MODE
The connection of several ADGS1208/ADGS1209 devices in a
daisy chain configuration is possible, and Figure 49 shows this
setup. All devices share the same CS and SCLK line, whereas the
SDO of a device forms a connection to the SDI of the next device,
creating a shift register. In daisy-chain mode, SDO is an eight
cycle delayed version of SDI. When in daisy-chain mode, all
commands target the switch data register. Therefore, it is not
possible to make configuration changes while in daisy-chain mode.
S8
SDI
SCLK
CS
RESET/VL
S1
SDO
VL
D
ADGS1208
DEVICE 1
SDO
ADGS1208
DEVICE 2
SPI
INTERFACE
SPI
INTERFACE
S8
S1
D
Figure 49. Two ADGS1208/ADGS1209 Devices Connected in a Daisy-Chain Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com