Electronic Components Datasheet Search
  English  ▼

X  

ADGS1209 Datasheet(PDF) 28 Page - Analog Devices

Part # ADGS1209
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1209 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADGS1209 Datasheet HTML 24Page - Analog Devices ADGS1209 Datasheet HTML 25Page - Analog Devices ADGS1209 Datasheet HTML 26Page - Analog Devices ADGS1209 Datasheet HTML 27Page - Analog Devices ADGS1209 Datasheet HTML 28Page - Analog Devices ADGS1209 Datasheet HTML 29Page - Analog Devices ADGS1209 Datasheet HTML 30Page - Analog Devices ADGS1209 Datasheet HTML 31Page - Analog Devices ADGS1209 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
ADGS1208/ADGS1209
Data Sheet
Rev. 0 | Page 28 of 33
REGISTER SUMMARIES
Table 11. ADGS1208 Register Summary
Reg. Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default RW
0x01 SW_DATA
GPO4 GPO3
GPO2
GPO1
A2
A1
A0
EN
0x00
R/W
0x02 ERR_CONFIG
Reserved
RW_ERR_EN
SCLK_ERR_EN
CRC_ERR_EN
0x06
R/W
0x03 ERR_FLAGS
Reserved
RW_ERR_FLAG SCLK_ERR_FLAG CRC_ERR_FLAG
0x00
R
0x05 BURST_EN
Reserved
BURST_MODE_EN
0x00
R/W
0x06 ROUND_ROBIN_EN
Reserved
ROUND_ROBIN_EN 0x00
R/W
0x07 RROBIN_CHANNEL_CONFIG
S8_EN S7_EN
S6_EN
S5_EN
S4_EN
S3_EN
S2_EN
S1_EN
0xFF
R/W
0x09 CNV_EDGE_SEL
RESERVED
CNV_EDGE_SEL
0x00
R/W
0x0B SOFT_RESETB
SOFT_RESETB
0x00
R/W
Table 12. ADGS1209 Register Summary
Reg. Name
Bit 7 Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default RW
0x01 SW_DATA
GPO4 GPO3
GPO2
GPO1
Reserved
A1
A0
EN
0x00
R/W
0x02 ERR_CONFIG
Reserved
RW_ERR_EN
SCLK_ERR_EN
CRC_ERR_EN
0x06
R/W
0x03 ERR_FLAGS
Reserved
RW_ERR_FLAG SCLK_ERR_FLAG CRC_ERR_FLAG
0x00
R
0x05 BURST_EN
Reserved
BURST_MODE_EN
0x00
R/W
0x06 ROUND_ROBIN_EN
Reserved
ROUND_ROBIN_EN 0x00
R/W
0x07 RROBIN_CHANNEL_CONFIG
Reserved
S4_EN
S3_EN
S2_EN
S1_EN
0x0F
R/W
0x09 CNV_EDGE_SEL
Reserved
CNV_EDGE_SEL
0x00
R/W
0x0B SOFT_RESETB
SOFT_RESETB
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com