Electronic Components Datasheet Search
  English  ▼

X  

ADGS1209 Datasheet(PDF) 25 Page - Analog Devices

Part # ADGS1209
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1209 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADGS1209 Datasheet HTML 21Page - Analog Devices ADGS1209 Datasheet HTML 22Page - Analog Devices ADGS1209 Datasheet HTML 23Page - Analog Devices ADGS1209 Datasheet HTML 24Page - Analog Devices ADGS1209 Datasheet HTML 25Page - Analog Devices ADGS1209 Datasheet HTML 26Page - Analog Devices ADGS1209 Datasheet HTML 27Page - Analog Devices ADGS1209 Datasheet HTML 28Page - Analog Devices ADGS1209 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Data Sheet
ADGS1208/ADGS1209
Rev. 0 | Page 25 of 33
ROUND ROBIN MODE
Round robin mode allows the ADGS1208/ADGS1209 to cycle
through the channels faster by reducing the overhead needed
from the digital interface to switch from one channel to the
next. The round robin configuration register selects which
channels are to be included in a cycle, while the CNV edge
select register selects on which edge of CNV the ADGS1208/
ADGS1209 switch to the next channel in the sequence. At the
end of the channel cycle, a resync pulse appears on SDO to
inform the user that the current cycle ended and then it loops
back to the start of the sequence of channels. Figure 52 shows
an example of the round robin mode interface and Figure 53
shows the CNV signal of the analog-to-digital converter (ADC)
being used in conjunction with the ADGS1208 in round robin
mode.
After configuration completes, the round robin enable register
allows the ADGS1208/ADGS1209 to enter round robin mode.
When in round robin mode, the SPI is no longer used to switch
between channels. Instead, to switch from one channel to
another, ensure that a digital signal is present on the CNV pin
while CS is pulled low.
To exit round robin mode, either perform a hardware reset or
send the 16-bit addressable mode SPI frames: 0xA318 followed
by 0xE3B4. These are the only SPI commands recognized by the
SPI interface while in round robin mode.
Round robin mode is significantly faster than addressable mode
to cycle through channels because it removes the 16-bit
overhead required to change input channel. In addition, round
robin mode removes the need for SCLK to be running, which
reduces the digital current consumption (IL). The maximum
CNV frequency is bound by the transition time of the device,
along with the required settling time for the application.
CNV
MUX
CHANNEL
X
S1
S2
S(LAST)
ROUND ROBIN CYCLE
SDO
RESYNC
CS
Figure 52. Round Robin Mode Interface Example
CNV
AQUISITION
AQUISITION
tACQ
tCYC
tCONV
tDIS
tEN
CONVERSION
SCK
SDO
MUX
CHANNEL
D15
D14
N + 2
N + 1
N
D13
D1
D0
1
2
3
14
15
16
AD7980 SDO
SDI
SDI
DATA IN
DIGITAL HOST
CLK
VIO
CNV
SCK
CONVERT
IN0
IN1
IN2
IN7
ADGS1208
SCK
CS
GPO
GPO
CNV
D
IN
S1
S2
S8
S3
Figure 53. Example of CNV Signal of an ADC Cycling Through Channels in the ADGS1208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com