Electronic Components Datasheet Search
  English  ▼

X  

ADGS1209 Datasheet(PDF) 6 Page - Analog Devices

Part # ADGS1209
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1209 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADGS1209 Datasheet HTML 2Page - Analog Devices ADGS1209 Datasheet HTML 3Page - Analog Devices ADGS1209 Datasheet HTML 4Page - Analog Devices ADGS1209 Datasheet HTML 5Page - Analog Devices ADGS1209 Datasheet HTML 6Page - Analog Devices ADGS1209 Datasheet HTML 7Page - Analog Devices ADGS1209 Datasheet HTML 8Page - Analog Devices ADGS1209 Datasheet HTML 9Page - Analog Devices ADGS1209 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
ADGS1208/ADGS1209
Data Sheet
Rev. 0 | Page 6 of 33
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off)
±0.003
nA typ
VS = 1 V/10 V, VD = 10 V/1 V,
see Figure 36
±0.1
±0.6
±1.0
nA max
Drain Off Leakage, ID (Off)
±0.003
nA typ
VS = 1 V/10 V, VD = 10 V/1 V,
see Figure 36
±0.1
±0.6
±1.0
nA max
Channel On Leakage, ID (On), IS (On)
±0.02
nA typ
VS = VD = 1 V/10 V,
see Figure 32
±0.3
±0.6
±1.0
nA max
DIGITAL OUTPUT
Output Voltage
Low, VOL
0.4
V max
ISINK = 5 mA
0.2
V max
ISINK = 1 mA
High Impedance Leakage Current
0.001
µA typ
VOUT = VGND or VL
±0.1
µA max
High Impedance Output Capacitance
4
pF typ
GPOx
Output Voltage
High, VOH
VL − 0.2 V
V min
ISOURCE = 100 µA
Low, VOL
0.2
V max
ISINK = 100 µA
Timing
tON
95
ns typ
CL = 15 pF, see Figure 44
115
115
115
ns max
tOFF
15
ns typ
CL = 15 pF, see Figure 44
20
25
25
ns max
Break-Before-Make Time Delay, tD
50
ns typ
CL = 15 pF, see Figure 45
35
ns min
DIGITAL INPUTS
Input Voltage
High, VINH
2
V min
3.3 V < VL ≤ 5.5 V
1.35
V min
2.7 V ≤ VL ≤ 3.3 V
Low, VINL
0.8
V max
3.3 V < VL ≤ 5.5 V
0.8
V max
2.7 V ≤ VL ≤ 3.3 V
Input Current, IINL or IINH
0.001
µA typ
VIN = VGND or VL
±0.1
µA max
Digital Input Capacitance, CIN
4
pF typ
DYNAMIC CHARACTERISTIC1
Transition Time, tTRANSITION
110
ns typ
RL = 300 Ω, CL = 35 pF
185
220
245
ns max
VS = 8 V, see Figure 41
tON (EN)
120
ns typ
RL = 300 Ω, CL = 35 pF
140
190
210
ns max
VS = 8 V, see Figure 42
tOFF (EN)
130
ns typ
RL = 300 Ω, CL = 35 pF
145
195
215
ns max
VS = 8 V, see Figure 42
Break-Before-Make Time Delay, tD
35
ns typ
RL = 300 Ω, CL = 35 pF
15
ns min
VS1 = VS2 = 8 V, see Figure 40
Charge Injection, QINJ
−0.2
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF,
see Figure 43
Off Isolation
−85
dB typ
RL = 50 Ω, CL = 5 pF,
f = 1 MHz, see Figure 34
Channel to Channel Crosstalk
−85
dB typ
RL = 50 Ω, CL = 5 pF,
f = 1 MHz, see Figure 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com