Electronic Components Datasheet Search
  English  ▼

X  

ADGS1209 Datasheet(PDF) 14 Page - Analog Devices

Part # ADGS1209
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1209 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADGS1209 Datasheet HTML 10Page - Analog Devices ADGS1209 Datasheet HTML 11Page - Analog Devices ADGS1209 Datasheet HTML 12Page - Analog Devices ADGS1209 Datasheet HTML 13Page - Analog Devices ADGS1209 Datasheet HTML 14Page - Analog Devices ADGS1209 Datasheet HTML 15Page - Analog Devices ADGS1209 Datasheet HTML 16Page - Analog Devices ADGS1209 Datasheet HTML 17Page - Analog Devices ADGS1209 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
ADGS1208/ADGS1209
Data Sheet
Rev. 0 | Page 14 of 33
TYPICAL PERFORMANCE CHARACTERISTICS
SOURCE OR DRAIN VOLTAGE (V)
180
60
0
–15
–10
–5
10
05
15
140
100
160
120
80
40
20
TA = 25°C
VDD = +15V
VSS = –15V
VDD = +13.5V
VSS = –13.5V
VDD = +16.5V
VSS = –16.5V
Figure 9. On Resistance vs. Source or Drain Voltage for Various Dual
Supplies
SOURCE OR DRAIN VOLTAGE (V)
450
250
300
0
02
4
6
12
810
14
400
350
150
200
100
50
TA = 25°C
VDD = 12V
VSS = 0V
VDD = 13.2V
VSS = 0V
VDD = 10.8V
VSS = 0V
Figure 10. On Resistance vs. Source or Drain Voltage for Various Single
Supplies
SOURCE OR DRAIN VOLTAGE (V)
250
0
150
200
100
50
–15
–12
–9
–6
–3
0
3
6
9
12
15
TA = +25°C
TA = +85°C
TA = +125°C
TA = –40°C
VDD = +15V
VSS = –15V
Figure 11. On Resistance vs. Source or Drain Voltage for Various
Temperatures, ±15 V Dual Supply
SOURCE OR DRAIN VOLTAGE (V)
500
0
02
4
10
68
12
200
300
100
400
450
150
250
350
50
TA = +125°C
TA = +85°C
VDD = 12V
VSS = 0V
TA = +25°C
TA = –40°C
Figure 12. On Resistance vs. Source or Drain Voltage for Various
Temperatures, 12 V Single Supply
400
–400
0
1020
3040
5060
7080
90 100 110 120
TEMPERATURE (°C)
300
200
100
0
–100
–200
–300
IS (OFF) + –
ID (OFF) + –
ID,IS (ON) + +
IS (OFF) – +
ID,IS (ON) – –
ID (OFF) – +
VDD = +15V
VSS = –15V
VBIAS = +10V/–10V
Figure 13. Leakage Current vs. Temperature, ±15 V Dual Supply
150
–150
0
1020
3040
5060
7080
90 100 110 120
TEMPERATURE (°C)
100
50
0
–50
–100
IS (OFF) + –
ID (OFF) + –
IS (OFF) – +
ID (OFF) – +
ID,IS (ON) + +
ID,IS (ON) – –
VDD = 12V
VSS = 0V
VBIAS = 1V/10V
Figure 14. Leakage Current vs. Temperature, 12 V Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com