Electronic Components Datasheet Search
  English  ▼

X  

ADGS1209 Datasheet(PDF) 20 Page - Analog Devices

Part # ADGS1209
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1209 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADGS1209 Datasheet HTML 16Page - Analog Devices ADGS1209 Datasheet HTML 17Page - Analog Devices ADGS1209 Datasheet HTML 18Page - Analog Devices ADGS1209 Datasheet HTML 19Page - Analog Devices ADGS1209 Datasheet HTML 20Page - Analog Devices ADGS1209 Datasheet HTML 21Page - Analog Devices ADGS1209 Datasheet HTML 22Page - Analog Devices ADGS1209 Datasheet HTML 23Page - Analog Devices ADGS1209 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
ADGS1208/ADGS1209
Data Sheet
Rev. 0 | Page 20 of 33
VDD
VSS
VDD
VSS
GND
CL
15pF
S1
VGPO
50%
tOFF (GPO)
tON (GPO)
10%
90%
50%
SCLK
ADGS12081
1SIMILAR CONNECTION FOR THE ADGS1209.
Figure 44. GPOx Timing, tON and tOFF
ADGS12081
GND
GPO1
GPO2
VDD
VSS
VDD
VSS
1SIMILAR CONNECTION FOR THE ADGS1209.
80%
TIME DELAY BETWEEN
GPO1 TURNING OFF
AND GPO2 TURNING ON
80%
tD (GPO)
VGPO1
VGPO2
CL
15pF
VGPO1
CL
15pF
VGPO2
Figure 45. GPOx Break-Before-Make Time Delay, tD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com