Electronic Components Datasheet Search
  English  ▼

X  

ADGS1209 Datasheet(PDF) 19 Page - Analog Devices

Part # ADGS1209
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1209 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADGS1209 Datasheet HTML 15Page - Analog Devices ADGS1209 Datasheet HTML 16Page - Analog Devices ADGS1209 Datasheet HTML 17Page - Analog Devices ADGS1209 Datasheet HTML 18Page - Analog Devices ADGS1209 Datasheet HTML 19Page - Analog Devices ADGS1209 Datasheet HTML 20Page - Analog Devices ADGS1209 Datasheet HTML 21Page - Analog Devices ADGS1209 Datasheet HTML 22Page - Analog Devices ADGS1209 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Data Sheet
ADGS1208/ADGS1209
Rev. 0 | Page 19 of 33
OUTPUT
ADGS1208
1
300Ω
GND
S1
S2 TO S7
S8
D
35pF
VDD
VSS
VDD
VSS
VS
1SIMILAR CONNECTION FOR THE ADGS1209.
0V
OUTPUT
80%
80%
tD
SCLK
VS1 = VS8
Figure 40. Break-Before-Make Time Delay, tD
VDD
VSS
VDD
VSS
GND
RL
300Ω
CL
35pF
D
VOUT
S8
VS8
S1
ADGS1208
1
S2 TO S7
1SIMILAR CONNECTION FOR THE THE ADGS1209.
VS1
50%
tTRANSITION
tTRANSITION
10%
90%
50%
SCLK
Figure 41. Transition Time, tTRANSITION
VDD
VSS
VDD
VSS
GND
RL
300Ω
CL
35pF
D
VOUT
S1
S2 TO S8
VS1
50%
10%
90%
50%
SCLK
ADGS1208
1
1SIMILAR CONNECTION FOR THE ADGS1209.
tOFF (EN)
tON (ENO)
Figure 42. Switching Times, tON (EN) and tOFF (EN)
VDD
VSS
VDD
VSS
GND
INPUT LOGIC
CL
1nF
Sx
Dx
VOUT
RS
VS
SCLK
3V
VOUT
ΔVOUT
QINJ = CL × ΔVOUT
SWITCH OFF
SWITCH ON
Figure 43. Charge Injection, QINJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com