Electronic Components Datasheet Search
  English  ▼

X  

AD9375BBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 24Page - Analog Devices AD9375BBCZ Datasheet HTML 25Page - Analog Devices AD9375BBCZ Datasheet HTML 26Page - Analog Devices AD9375BBCZ Datasheet HTML 27Page - Analog Devices AD9375BBCZ Datasheet HTML 28Page - Analog Devices AD9375BBCZ Datasheet HTML 29Page - Analog Devices AD9375BBCZ Datasheet HTML 30Page - Analog Devices AD9375BBCZ Datasheet HTML 31Page - Analog Devices AD9375BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
AD9375
Data Sheet
Rev. 0 | Page 28 of 61
2.6 GHz BAND
–30
–40
–50
–60
–70
–80
–90
–100
–110
RECEIVER LO FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 64. Receiver Local Oscillator (LO) Leakage vs. Receiver LO Frequency,
0 dB Receiver Attenuation, 40 MHz RF Bandwidth,
122.88 MSPS Sample Rate
45
0
10
5
15
20
25
30
35
40
0
3
6
9
12
15
RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 65. Receiver Noise Figure vs. Receiver Attenuation, 2600 MHz LO,
40 MHz Bandwidth, 122.88 MSPS Sample Rate, 20 MHz Integration
Bandwidth (Includes 1.4 dB Matching Circuit Loss)
30
0
5
10
15
20
25
RECEIVER LO FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 66. Receiver Noise Figure vs. Receiver LO Frequency,
0 dB Receiver Attenuation, 40 MHz RF Bandwidth, 122.88 MSPS Sample Rate,
20 MHz Integration Bandwidth (Includes 1.4 dB Matching Circuit Loss)
100
0
30
20
10
40
50
60
70
80
90
0
5
10
15
20
25
30
f1 OFFSET FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 67. Receiver IIP2 vs. f1 Offset Frequency, 2600 MHz LO,
0 dB Attenuation, 40 MHz RF Bandwidth, f2 = f1 + 1 MHz,
122.88 MSPS Sample Rate
100
0
30
20
10
40
50
60
70
80
90
f2 – f1, +110°C
f2 – f1, +40°C
f2 – f1, –40°C
f2 + f1, +110°C
f2 + f1, +40°C
f2 + f1, –40°C
5
10
15
20
25
30
INTERMODULATION FREQUENCY (MHz)
Figure 68. Receiver IIP2 vs. Intermodulation Frequency, 2600 MHz LO,
0 dB Attenuation, 40 MHz RF Bandwidth, 122.88 MSPS Sample Rate
40
0
15
10
5
20
25
30
35
0
5
10
15
20
25
30
f1 OFFSET FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 69. Receiver IIP3 vs. f1 Offset Frequency, 2600 MHz LO,
0 dB Attenuation, 40 MHz RF Bandwidth, f2 = 2 f1 + 2 MHz,
122.88 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com