Electronic Components Datasheet Search
  English  ▼

X  

AD9375BBCZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 21Page - Analog Devices AD9375BBCZ Datasheet HTML 22Page - Analog Devices AD9375BBCZ Datasheet HTML 23Page - Analog Devices AD9375BBCZ Datasheet HTML 24Page - Analog Devices AD9375BBCZ Datasheet HTML 25Page - Analog Devices AD9375BBCZ Datasheet HTML 26Page - Analog Devices AD9375BBCZ Datasheet HTML 27Page - Analog Devices AD9375BBCZ Datasheet HTML 28Page - Analog Devices AD9375BBCZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
Data Sheet
AD9375
Rev. 0 | Page 25 of 61
40
0
5
10
15
20
25
30
35
0
30
60
90
100
20
50
80
10
40
70
110
f1 OFFSET FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 47. Observation Receiver IIP3 vs. f1 Offset Frequency, 900 MHz LO,
0 dB Attenuation, 100 MHz RF Bandwidth, f2 = 2f1 + 1 MHz,
122.88 MSPS Sample Rate
5
20
35
50
55
15
30
45
10
25
40
60
INTERMODULATION FREQUENCY (MHz)
+110°C
+40°C
–40°C
40
0
5
10
15
20
25
30
35
Figure 48. Observation Receiver IIP3 vs. Intermodulation Frequency (2f2 − f1),
900 MHz LO, 0 dB Attenuation, 100 MHz RF Bandwidth,
122.88 MSPS Sample Rate
0
–120
–100
–80
–40
–60
–20
0
3
6
9
12
15
18
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 49. Observation Receiver Image vs. Observation Receiver Attenuation,
800 MHz LO, CW Signal 16 MHz Offset, 100 MHz RF Bandwidth, BTC Active,
122.88 MSPS Sample Rate
25
–15
–10
–5
10
0
20
5
15
0
3
6
9
12
15
18
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 50. Observation Receiver Gain vs. Observation Receiver Attenuation,
800 MHz LO, CW Signal 16 MHz Offset, 100 MHz RF Bandwidth,
122.88 MSPS Sample Rate
–40
–120
–110
–100
–90
–80
–70
–60
–50
0
3
6
9
12
15
18
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 51. Observation Receiver DC Offset vs. Observation Receiver
Attenuation, 800 MHz LO, 100 MHz RF Bandwidth,
122.88 MSPS Sample Rate
0
–120
–100
–80
–60
–40
–20
0
3
6
9
12
15
18
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 52. Observation Receiver HD2 vs. Observation Receiver Attenuation,
800 MHz LO, CW Signal 16 MHz Offset, −20 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
100 MHz RF Bandwidth, 122.88 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com