Electronic Components Datasheet Search
  English  ▼

X  

AD9375BBCZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 29Page - Analog Devices AD9375BBCZ Datasheet HTML 30Page - Analog Devices AD9375BBCZ Datasheet HTML 31Page - Analog Devices AD9375BBCZ Datasheet HTML 32Page - Analog Devices AD9375BBCZ Datasheet HTML 33Page - Analog Devices AD9375BBCZ Datasheet HTML 34Page - Analog Devices AD9375BBCZ Datasheet HTML 35Page - Analog Devices AD9375BBCZ Datasheet HTML 36Page - Analog Devices AD9375BBCZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
Data Sheet
AD9375
Rev. 0 | Page 33 of 61
0
–100
–90
–80
–70
–50
–30
–10
–60
–40
–20
2500
2550
2600
2650
2700
2525
2575
2625
2675
FREQUENCY (MHz)
Figure 94. Tx Output Power Spectrum, 2 dB Digital and 3 dB RF Backoff,
40 MHz RF Bandwidth, Transmitter QEC and Internal LO Leakage Active,
LTE 10 MHz Signal, 2600 MHz LO, 1 MHz Resolution Bandwidth,
245.76 MSPS Sample Rate, Test Equipment Noise Floor De-Embedded
0
–100
–90
–80
–70
–50
–30
–10
–60
–40
–20
FREQUENCY (MHz)
Figure 95. Tx Output Power Spectrum, 2 dB Digital and 3 dB RF Backoff,
40 MHz RF Bandwidth, Transmitter QEC and Internal LO Leakage Active,
LTE 10 MHz Signal, 2600 MHz LO, 1 MHz Resolution Bandwidth,
245.76 MSPS Sample Rate, Expanded Frequency View, Test Equipment Noise
Floor De-Embedded
–20
–50
–45
–40
–35
–30
–25
0
4
8
12
16
20
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 96. Transmitter EVM vs. RF Attenuation, 2550 MHz LO, Transmitter LO
Leakage and Transmitter QEC Tracking Active, 200 MHz RF Bandwidth,
LTE 20 MHz Downlink Signal, 245.76 MSPS Sample Rate
0
–20
–10
–30
–100
–90
–80
–70
–60
–50
–40
0
5
20
15
10
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 97. Transmitter HD2 vs. RF Attenuation, 2600 MHz LO,
2605 MHz CW Desired Signal, 40 MHz RF Bandwidth,
245.76 MSPS Sample Rate
0
–20
–10
–30
–80
–70
–60
–50
–40
0
20
10
5
15
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 98. Transmitter HD3 vs. RF Attenuation, 2600 MHz LO,
2605 MHz CW Desired Signal, 40 MHz RF Bandwidth,
245.76 MSPS Sample Rate
10
0
5
–5
–20
–15
–10
0
20
10
5
15
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 99. Transmitter Output Power vs. RF Attenuation, 2600 MHz LO, 2605
MHz CW Desired Signal, 40 MHz RF Bandwidth,
245.76 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com