Electronic Components Datasheet Search
  English  ▼

X  

AD9375BBCZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 12Page - Analog Devices AD9375BBCZ Datasheet HTML 13Page - Analog Devices AD9375BBCZ Datasheet HTML 14Page - Analog Devices AD9375BBCZ Datasheet HTML 15Page - Analog Devices AD9375BBCZ Datasheet HTML 16Page - Analog Devices AD9375BBCZ Datasheet HTML 17Page - Analog Devices AD9375BBCZ Datasheet HTML 18Page - Analog Devices AD9375BBCZ Datasheet HTML 19Page - Analog Devices AD9375BBCZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
AD9375
Data Sheet
Rev. 0 | Page 16 of 61
Pin No.
Type1
Mnemonic
Description
B7, B8
I/O
RX_EXTLO−, RX_EXTLO+
Differential Rx External LO Input/Output. If used for the
external LO, the input frequency must be 2× the desired
carrier frequency. Do not connect if these pins are unused.
B14
I
VDDA_3P3
Supply Voltage for GPIO_3P3_x.
C1, C2, C13, D1, D5, D12 to D14,
E1, E14, F1, F14
I/O
GPIO_3P3_0 to GPIO_3P3_11
General-Purpose Inputs and Outputs Referenced to 3.3 V
Supply. See Figure 4 to match the ball location to the
GPIO_3P3_x signal name. Some GPIO_3P3_x pins can also
function as auxiliary DAC outputs.
C3
O
VSNRX_VCO_LDO
Sniffer VCO LDO 1.1 V Output. Bypass this pin with a 1 µF
capacitor.
C4
I
VDDA_SNRXVCO
1.3 V Supply Input for Sniffer VCO Low Dropout (LDO)
Regulator.
C6
I
VDDA_RXLO
1.3 V Supply for the Rx Synthesizer LO Generator. This pin
is sensitive to aggressors.
C7
I
VDDA_RXVCO
1.3 V Supply Input for Receiver VCO LDO Regulator.
C8
O
VRX_VCO_LDO
Receiver VCO LDO 1.1 V Output. Bypass this pin with a 1 µF
capacitor.
C11
I
AUXADC_1
Auxiliary ADC 1 Input.
C12
I
AUXADC_2
Auxiliary ADC 2 Input.
C14
N/A
RBIAS
Bias Resistor Connection. This pin generates an internal
current based on an external 1% resistor. Connect a
14.3 kΩ resistor between this pin and ground (VSSA).
D2, E2
I
SNRXC−, SNRXC+
Differential Input for Sniffer Receiver Input C. If these pins are
unused, connect to VSSA with a short or with a 1 kΩ resistor.
D3, E3
I
SNRXB−, SNRXB+
Differential Input for Sniffer Receiver Input B. If these pins are
unused, connect to VSSA with a short or with a 1 kΩ resistor.
D4, E4
I
SNRXA−, SNRXA+
Differential Input for Sniffer Receiver Input A. If these pins are
unused, connect to VSSA with a short or with a 1 kΩ resistor.
D10
I
VDDA_1P8
1.8 V Tx Supply.
D11
I
AUXADC_3
Auxiliary ADC 3 Input.
E5
I
VDDA_BB
1.3 V Supply Input for ADCs, DACs, and Auxiliary ADCs.
E7, E8
I
DEV_CLK_IN+, DEV_CLK_IN−
Device Clock Differential Input.
E11, E12
I/O
TX_EXTLO−, TX_EXTLO+
Differential Tx External LO Input/Output. If these pins are
used for the external LO, the input frequency must be 2×
the desired carrier frequency. Do not connect if these pins
are unused.
E13
I
AUXADC_0
Auxiliary ADC 0 Input.
F2
I
VDDA_RXTX
1.3 V Supply Input for Tx/Rx Baseband Circuits,
Transimpedance Amplifier (TIA), Tx Transconductance (G
m),
Baseband Filters, and Auxiliary DACs.
F11
I
VDDA_TXVCO
1.3 V Supply Input for Transmitter VCO LDO Regulator.
F12
I
VDDA_TXLO
1.3 V Supply for the Tx Synthesizer LO Generator. This pin is
sensitive to aggressors.
F13
O
VTX_VCO_LDO
Transmitter VCO LDO 1.1 V Output. Bypass this pin with a
1 µF capacitor.
G4
I
VDDA_CALPLL
1.3 V Supply Input for Calibration PLL Circuits. Use a
separate trace on the PCB back to a common supply point.
G6
I
VDDA_CLKSYNTH
1.3 V Clock Synthesizer Supply Input. This pin is sensitive
to aggressors.
G7
I
VDDA_SNRXSYNTH
1.3 V Sniffer Rx Synthesizer Supply Input. This pin is
sensitive to aggressors.
G8
I
VDDA_TXSYNTH
1.3 V Tx Synthesizer Supply Input. This pin is sensitive to
aggressors.
G9
I
VDDA_RXSYNTH
1.3 V Rx Synthesizer Supply Input. This pin is sensitive to
aggressors.
H1, J1
O
TX2−, TX2+
Differential Output for Transmitter 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com