Electronic Components Datasheet Search
  English  ▼

X  

AD9375BBCZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 51Page - Analog Devices AD9375BBCZ Datasheet HTML 52Page - Analog Devices AD9375BBCZ Datasheet HTML 53Page - Analog Devices AD9375BBCZ Datasheet HTML 54Page - Analog Devices AD9375BBCZ Datasheet HTML 55Page - Analog Devices AD9375BBCZ Datasheet HTML 56Page - Analog Devices AD9375BBCZ Datasheet HTML 57Page - Analog Devices AD9375BBCZ Datasheet HTML 58Page - Analog Devices AD9375BBCZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
Data Sheet
AD9375
Rev. 0 | Page 55 of 61
40
0
5
115
INTERMODULATION FREQUENCY (MHz)
5
15
35
10
25
30
20
15
35
55
75
25
45
65
85
95
105
+110°C
+40°C
–40°C
Figure 224. Observation Receiver IIP3 vs. Intermodulation Frequency (f2 − 2f1),
5600 MHz LO, 0 dB Attenuation, 200 MHz RF Bandwidth,
245.76 MSPS Sample Rate
0
–100
0
18
OBSERVATION RECEIVER ATTENUATION (dB)
–70
–80
–90
–60
–30
–50
–10
–40
–20
6
3
12
9
15
+110°C
+40°C
–40°C
Figure 225. Observation Receiver Image vs. Observation Receiver
Attenuation, 5600 MHz LO, CW Signal 30 MHz Offset,
200 MHz RF Bandwidth, BTC Active, 245.76 MSPS Sample Rate
25
–15
0
18
OBSERVATION RECEIVER ATTENUATION (dB)
–10
–5
10
0
20
5
15
6
3
12
9
15
+110°C
+40°C
–40°C
Figure 226. Observation Receiver Gain vs. Observation Receiver Attenuation,
5600 MHz LO, CW Signal 30 MHz Offset,
200 MHz RF Bandwidth, 245.76 MSPS Sample Rate
–40
–50
–60
–70
–80
–90
–10
–110
0
18
15
12
9
6
3
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 227. Observation Receiver DC Offset vs. Observation Receiver
Attenuation, 5850 MHz LO, CW Signal 30 MHz Offset, −15 dBm Input,
200 MHz RF Bandwidth, 245.76 MSPS Sample Rate
0
–100
0
18
OBSERVATION RECEIVER ATTENUATION (dB)
–90
–80
–70
–50
–30
–10
–60
–40
–20
6
3
12
9
15
+110°C
+40°C
–40°C
Figure 228. Observation Receiver HD2 vs. Observation Receiver Attenuation,
5600 MHz LO, CW Signal 30 MHz Offset, −15 dBm Input, Input Power
Increasing Decibel for Decibel with Attenuation, 200 MHz RF Bandwidth,
245.76 MSPS Sample Rate
0
–120
–100
0
18
OBSERVATION RECEIVER ATTENUATION (dB)
–80
–60
–40
–20
6
3
12
9
15
+110°C
+40°C
–40°C
Figure 229. Observation Receiver HD3 vs. Observation Receiver Attenuation,
5600 MHz LO, CW Signal 30 MHz Offset, −15 dBm Input, Input Power
Increasing Decibel for Decibel with Attenuation, 200 MHz RF Bandwidth,
245.76 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com