Electronic Components Datasheet Search
  English  ▼

X  

AD9375BBCZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 22Page - Analog Devices AD9375BBCZ Datasheet HTML 23Page - Analog Devices AD9375BBCZ Datasheet HTML 24Page - Analog Devices AD9375BBCZ Datasheet HTML 25Page - Analog Devices AD9375BBCZ Datasheet HTML 26Page - Analog Devices AD9375BBCZ Datasheet HTML 27Page - Analog Devices AD9375BBCZ Datasheet HTML 28Page - Analog Devices AD9375BBCZ Datasheet HTML 29Page - Analog Devices AD9375BBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
AD9375
Data Sheet
Rev. 0 | Page 26 of 61
0
–100
–90
–80
–70
–60
–50
–40
–20
–30
–10
0
3
6
9
12
15
18
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 53. Observation Receiver HD3 vs. Observation Receiver Attenuation,
800 MHz LO, CW Signal 16 MHz Offset, −20 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
100 MHz RF Bandwidth, 122.88 MSPS Sample Rate
–50
–130
–120
–110
–100
–90
–70
–80
–60
300
400
500
600
700
SNIFFER RECEIVER LO FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 54. Sniffer Receiver LO Leakage vs. Sniffer Receiver LO Frequency,
0 dB Receiver Attenuation, 20 MHz RF Bandwidth, 30.72 MSPS Sample Rate
300
400
500
600
700
30
0
5
10
20
15
25
SNIFFER RECEIVER LO FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 55. Sniffer Receiver Noise Figure vs. Sniffer Receiver LO Frequency,
0 dB Receiver Attenuation, 20 MHz RF Bandwidth, 30.72 MSPS Sample Rate,
20 MHz Integration Bandwidth
90
0
10
20
50
30
70
60
40
80
3
6
9
12
15
INTERMODULATION FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 56. Sniffer Receiver IIP2 vs. Intermodulation Frequency (f2 − f1),
600 MHz LO, 0 dB Attenuation, 20 MHz RF Bandwidth, 30.72 MSPS Sample Rate
20
15
10
5
0
–5
–10
3
15
12
9
6
INTERMODULATION FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 57. Sniffer Receiver IIP3 vs. Intermodulation Frequency (f2 − 2f1), 600 MHz
LO, 0 dB Attenuation, 20 MHz RF Bandwidth, 30.72 MSPS Sample Rate
0
5
10
15
20
SNIFFER RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
0
–100
–80
–60
–90
–70
–50
–40
–30
–20
–10
Figure 58. Sniffer Receiver Image vs. Sniffer Receiver Attenuation,
600 MHz LO, CW Signal 3 MHz Offset, 20 MHz RF Bandwidth,
30.72 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com