Electronic Components Datasheet Search
  English  ▼

X  

AD9375BBCZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 48Page - Analog Devices AD9375BBCZ Datasheet HTML 49Page - Analog Devices AD9375BBCZ Datasheet HTML 50Page - Analog Devices AD9375BBCZ Datasheet HTML 51Page - Analog Devices AD9375BBCZ Datasheet HTML 52Page - Analog Devices AD9375BBCZ Datasheet HTML 53Page - Analog Devices AD9375BBCZ Datasheet HTML 54Page - Analog Devices AD9375BBCZ Datasheet HTML 55Page - Analog Devices AD9375BBCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
AD9375
Data Sheet
Rev. 0 | Page 52 of 61
–40
–80
0
20
RF ATTENUATION (dB)
–70
–60
–50
–65
–75
–55
–45
5
10
15
+110°C LOWER
+40°C LOWER
–40°C LOWER
+110°C UPPER
+40°C UPPER
–40°C UPPER
Figure 206. Tx Adjacent Channel Leakage Ratio vs. RF Attenuation,
5600 MHz LO, 75 MHz RF Bandwidth, Four-Carrier W-CDMA Desired Signal,
Transmitter QEC and LO Leakage Tracking Active
–40
–80
0
20
RF ATTENUATION (dB)
–70
–60
–50
–65
–75
–55
–45
5
10
15
+110°C LOWER
+40°C LOWER
–40°C LOWER
+110°C UPPER
+40°C UPPER
–40°C UPPER
Figure 207. Tx Alternate Channel Leakage Ratio vs. RF Attenuation,
5600 MHz LO, 75 MHz RF Bandwidth, Four-Carrier W-CDMA Desired Signal,
2 dB Digital Backoff, Transmitter QEC and LO Leakage Tracking Active
–60
–150
100
10M
OFFSET FREQUENCY (Hz)
–120
–100
–80
–110
–140
–130
–90
–70
1k
100k
10k
1M
Figure 208. LO Phase Noise vs. Offset Frequency, 3 dB Digital Backoff,
5850 MHz LO
1.0
0
5300
5900
TRANSMITTER LO FREQUENCY (MHz)
0.1
0.3
0.5
0.7
0.9
0.2
0.4
0.6
0.8
5400
5500
5600
5700
5800
+110°C
+40°C
–40°C
Figure 209. Tx Integrated Phase Noise vs. Transmitter LO Frequency,
75 MHz RF Bandwidth, CW 10 MHz Offset from LO, 3 dB Digital Backoff
30
0
0
20
RF ATTENUATION (dB)
10
20
5
15
25
5
10
15
+110°C
+40°C
–40°C
Figure 210. Transmitter OIP3 vs. RF Attenuation, 5600 MHz LO,
75 MHz RF Bandwidth, f1 = 20 MHz, f2 = 21 MHz, 3 dB Digital Backoff,
245.76 MSPS Sample Rate
0
–100
5750
5950
FREQUENCY (MHz)
–90
–70
–50
–30
–10
–80
–60
–40
–20
5775
5800
5825
5850
5900
5875
5925
Figure 211. Tx Output Power Spectrum, 3 dB Digital and 1 dB RF Backoff,
40 MHz RF Bandwidth, Transmitter QEC, and Internal LO Leakage Active,
LTE 10 MHz Signal, 5850 MHz LO, 1 MHz Resolution Bandwidth,
122.88 MSPS Sample Rate, Test Equipment Noise Floor De-Embedded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com