Electronic Components Datasheet Search
  English  ▼

X  

AD9375BBCZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 43Page - Analog Devices AD9375BBCZ Datasheet HTML 44Page - Analog Devices AD9375BBCZ Datasheet HTML 45Page - Analog Devices AD9375BBCZ Datasheet HTML 46Page - Analog Devices AD9375BBCZ Datasheet HTML 47Page - Analog Devices AD9375BBCZ Datasheet HTML 48Page - Analog Devices AD9375BBCZ Datasheet HTML 49Page - Analog Devices AD9375BBCZ Datasheet HTML 50Page - Analog Devices AD9375BBCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
Data Sheet
AD9375
Rev. 0 | Page 47 of 61
–40
–110
0
20
SNIFFER RECEIVER ATTENUATION (dB)
–100
–90
–80
–70
–60
–50
5
10
15
+110°C
+40°C
–40°C
Figure 177. Sniffer Receiver DC Offset vs. Sniffer Receiver Attenuation,
3500 MHz LO, CW Signal 5 MHz Offset, −35 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
20 MHz RF Bandwidth, 38.4 MSPS Sample Rate
0
–100
0
20
SNIFFER RECEIVER ATTENUATION (dB)
–90
–80
–70
–60
–50
–40
–30
–20
–10
5
10
15
+110°C
+40°C
–40°C
Figure 178. Sniffer Receiver HD2 vs. Sniffer Receiver Attenuation,
3500 MHz LO, CW Signal 5 MHz Offset, −35 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
20 MHz RF Bandwidth, 38.4 MSPS Sample Rate
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
0
20
SNIFFER RECEIVER ATTENUATION (dB)
–10
5
10
15
+110°C
+40°C
–40°C
Figure 179. Sniffer Receiver HD3 vs. Sniffer Receiver Attenuation,
3500 MHz LO, CW Signal 5 MHz Offset, −35 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
20 MHz RF Bandwidth, 38.4 MSPS Sample Rate
0
–45
–70
–30
SNIFFER RECEIVER INPUT POWER (dBm)
–40
–35
–30
–25
–20
–15
–10
–5
–65
–60
–55
–50
–45
–40
–35
+110°C
+40°C
–40°C
Figure 180. Sniffer Receiver EVM vs. Sniffer Receiver Input Power,
3600 MHz LO, 20 MHz RF Bandwidth, LTE 20 MHz Uplink Centered at DC,
BTC Active, 38.4 MSPS Sample Rate
35
–35
0
55
SNIFFER RECEIVER ATTENUATION (dB)
–25
–15
–5
5
15
25
5
10
15
20
25
30
35
40
45
50
+110°C
+40°C
–40°C
Figure 181. Sniffer Receiver Gain vs. Sniffer Receiver Attenuation,
3600 MHz LO, CW Signal 5 MHz Offset, 20 MHz RF Bandwidth,
De-Embedded to Receiver Port, 38.4 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com