Electronic Components Datasheet Search
  English  ▼

X  

AD9375BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 8Page - Analog Devices AD9375BBCZ Datasheet HTML 9Page - Analog Devices AD9375BBCZ Datasheet HTML 10Page - Analog Devices AD9375BBCZ Datasheet HTML 11Page - Analog Devices AD9375BBCZ Datasheet HTML 12Page - Analog Devices AD9375BBCZ Datasheet HTML 13Page - Analog Devices AD9375BBCZ Datasheet HTML 14Page - Analog Devices AD9375BBCZ Datasheet HTML 15Page - Analog Devices AD9375BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
AD9375
Data Sheet
Rev. 0 | Page 12 of 61
TIMING SPECIFICATIONS
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SERIAL PERIPHERAL INTERFACE (SPI) TIMING
SCLK Period
t
CP
20
ns
SCLK Pulse Width
t
MP
10
ns
CSB Setup to First SCLK Rising Edge
t
SC
3
ns
Last SCLK Falling Edge to CSB Hold
t
HC
0
ns
SDIO Data Input Setup to SCLK
t
S
2
ns
SDIO Data Input Hold to SCLK
t
H
0
ns
SCLK Falling Edge to Output Data Delay (3- or 4-Wire Mode)
t
CO
3
8
ns
Bus Turnaround Time After Baseband Processor (BBP) Drives
Last Address Bit
t
HZM
t
H
t
CO
ns
Bus Turnaround Time After AD9375 Drives Last Address Bit
t
HZS
0
t
CO
ns
DIGITAL TIMING
TXx_ENABLE Pulse Width
10
µs
RXx_ENABLE Pulse Width
10
µs
JESD204B DATA OUTPUT TIMING
Unit Interval
UI
162.76
1627.6
ps
Data Rate per Channel (Nonreturn to Zero (NRZ))
614.4
6144
Mbps
Rise Time
t
R
24
35
ps
20% to 80% in 100 Ω load
Fall Time
t
F
24
35
ps
20% to 80% in 100 Ω load
Output Common-Mode Voltage
V
CM
0
1.8
V
AC-coupled
Termination Voltage (V
TT) = 1.2 V
735
1135
mV
DC-coupled
Differential Output Voltage
V
DIFF
360
466
770
mV
Short-Circuit Current
I
DSHORT
−100
+100
mA
Differential Termination Impedance
Z
RDIFF
80
100
120
Ω
Total Jitter
17
48.8
ps
Bit error rate (BER) = 10−15
Uncorrelated Bounded High Probability Jitter
UBHPJ
1.2
24.4
ps
Duty Cycle Distortion
DCD
3
8.1
ps
SYSREF_IN Signal Setup Time to DEV_CLK_IN Signal
t
S
2.5
ns
See Figure 2 and Figure 3
SYSREF_IN Signal Hold Time to DEV_CLK_IN Signal
t
H
−1.5
ns
See Figure 2 and Figure 3
JESD204B DATA INPUT TIMING
Unit Interval
UI
162.76
1627.6
ps
Data Rate per Channel (NRZ)
614.4
6144
Mbps
Input Common-Mode Voltage
V
CM
0.05
1.85
V
AC-coupled
V
TT = 1.2 V
720
1200
mV
DC-coupled
Differential Input Voltage
V
DIFF
125
750
mV
V
TT Source Impedance
Z
TT
1.2
30
Ω
Differential Termination Impedance
Z
RDIFF
80
106
120
Ω
V
TT
AC-Coupled
1.27
1.33
V
DC-Coupled
1.14
1.26
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com