Electronic Components Datasheet Search
  English  ▼

X  

HTU31 Datasheet(PDF) 17 Page - TE Connectivity Ltd

Part # HTU31
Description  RH/T SENSOR IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU31 Datasheet(HTML) 17 Page - TE Connectivity Ltd

Back Button HTU31 Datasheet HTML 13Page - TE Connectivity Ltd HTU31 Datasheet HTML 14Page - TE Connectivity Ltd HTU31 Datasheet HTML 15Page - TE Connectivity Ltd HTU31 Datasheet HTML 16Page - TE Connectivity Ltd HTU31 Datasheet HTML 17Page - TE Connectivity Ltd HTU31 Datasheet HTML 18Page - TE Connectivity Ltd HTU31 Datasheet HTML 19Page - TE Connectivity Ltd HTU31 Datasheet HTML 20Page - TE Connectivity Ltd HTU31 Datasheet HTML 21Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
HTU31D RH/T SENSOR IC
Digital Relative Humidity & Temperature Sensor
TE CONNECTIVITY SENSORS /// HTU31D RH/T SENSOR IC
REV3 01/2021
Page 16
Tape & Reel Packaging
HTU31D sensors are delivered in tape & reel packaging, sealed into antistatic ESD bags.
Standard packaging sizes are 400, 1500 and 5000 units per reel.
Each reel contains 440mm (55 pockets) header tape and 200mm (25 pockets) trailer tape.
For 400 and 1500 units: outside diameter of 7” (178mm) and a 1/2” (13mm) diameter arbor hole.
For 5000 units: outside diameter of 13” (330mm) and a 1/2” (13mm) diameter arbor hole.
Figure 13 Tape and Reel Drawing
Figure 14 Product Orientation in Tape and Reel Packaging
Recommended Footprint for PCBa Assembly
Figure 15 Recommended footprint (All dimensions are in mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com