Electronic Components Datasheet Search
  English  ▼

X  

HTU31 Datasheet(PDF) 14 Page - TE Connectivity Ltd

Part # HTU31
Description  RH/T SENSOR IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU31 Datasheet(HTML) 14 Page - TE Connectivity Ltd

Back Button HTU31 Datasheet HTML 10Page - TE Connectivity Ltd HTU31 Datasheet HTML 11Page - TE Connectivity Ltd HTU31 Datasheet HTML 12Page - TE Connectivity Ltd HTU31 Datasheet HTML 13Page - TE Connectivity Ltd HTU31 Datasheet HTML 14Page - TE Connectivity Ltd HTU31 Datasheet HTML 15Page - TE Connectivity Ltd HTU31 Datasheet HTML 16Page - TE Connectivity Ltd HTU31 Datasheet HTML 17Page - TE Connectivity Ltd HTU31 Datasheet HTML 18Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
HTU31D RH/T SENSOR IC
Digital Relative Humidity & Temperature Sensor
TE CONNECTIVITY SENSORS /// HTU31D RH/T SENSOR IC
REV3 01/2021
Page 13
Conversion of Signal Outputs
Measurement data are transferred as 16-bit values (unsigned integer).
Converting those raw values into a physical measurement can be achieved using the following formulas:
Relative Humidity Conversion
From the relative humidity output SRH (decimal), the relative humidity RH (%RH) is obtained by the following formula, this formula
being applicable whatever selected resolution (OSR):
1
2
100
16 −
×
=
RH
S
RH
Temperature Conversion
From the temperature output ST (decimal), the temperature T (°C) is obtained by the following formula, this formula being
applicable whatever selected resolution (OSR):
1
2
165
40
16 −
×
+
−
=
T
S
T
Note: these formulas are only valid with decimal representation of ST and SRH
Dew Point Temperature Calculation
The dew point is the temperature at which the water vapor in the air becomes saturated and condensation begins.
The dew point is associated with relative humidity. A high relative humidity indicates that the dew point is closer to the current
air temperature. Relative humidity of 100% indicates that the dew point is equal to the current temperature (and the air is
maximally saturated with water). When the dew point stays constant and temperature increases, relative humidity will decrease.
Partial Pressure (PPTamb) Calculation from Ambient Temperature
Partial Pressure (PPTamb) is calculated using temperature measurement from HTU31 sensor with the following formula:
PPTamb Partial Pressure in mmHg at Ambient Temperature
Tamb
Ambient Temperature in °C, from HTU31
A, B, C Constants: A=8.1332; B=1762.39; C=235.66
Dew Point Temperature (Td) Calculation from Partial Pressure (PPTamb)
Dew point temperature (Td) of the air is calculated using ambient relative humidity and temperature measurements from HTU31
sensor with the following formula:
PPTamb Partial Pressure in mmHg at Ambient Temperature
RHamb Ambient Relative Humidity in %RH, from HTU31
Tamb
Ambient Temperature in °C, from HTU31
Td
Calculated Dew Point in °C
A, B, C Constants: A=8.1332; B=1762.39; C=235.66
+
−
×
−
=
C
A
PP
RH
B
T
Tamb
amb
d
100
log
10
+
−
=
)
(
10
C
Tamb
B
A
Tamb
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com