Electronic Components Datasheet Search
  English  ▼

X  

HTU31 Datasheet(PDF) 19 Page - TE Connectivity Ltd

Part # HTU31
Description  RH/T SENSOR IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU31 Datasheet(HTML) 19 Page - TE Connectivity Ltd

Back Button HTU31 Datasheet HTML 15Page - TE Connectivity Ltd HTU31 Datasheet HTML 16Page - TE Connectivity Ltd HTU31 Datasheet HTML 17Page - TE Connectivity Ltd HTU31 Datasheet HTML 18Page - TE Connectivity Ltd HTU31 Datasheet HTML 19Page - TE Connectivity Ltd HTU31 Datasheet HTML 20Page - TE Connectivity Ltd HTU31 Datasheet HTML 21Page - TE Connectivity Ltd HTU31 Datasheet HTML 22Page - TE Connectivity Ltd HTU31 Datasheet HTML 23Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
HTU31D RH/T SENSOR IC
Digital Relative Humidity & Temperature Sensor
TE CONNECTIVITY SENSORS /// HTU31D RH/T SENSOR IC
REV3 01/2021
Page 18
ORDERING INFORMATION
Description
Quantity
Part number
HTU31D RH/T IC DIGITAL R400 (New ESD 4kV)
400
10142048-20
HTU31D RH/T IC DIGITAL R1500 (New ESD 4kV)
1500
10142048-21
HTU31D RH/T IC DIGITAL R5000 (New ESD 4kV)
5000
10142048-22
HTU31D RH/T IC DIGITAL R400 (ESD 2kV)
400
10142048-00
HTU31D RH/T IC DIGITAL R1500 (ESD 2kV)
1500
10142048-01
HTU31D RH/T IC DIGITAL R5000 (ESD 2kV)
5000
10142048-02
HTU31V RH/T IC ANALOG R400 (New ESD 4kV)
400
10142048-30
HTU31V RH/T IC ANALOG R1500 (New ESD 4kV)
1500
10142048-31
HTU31V RH/T IC ANALOG R5000 (New ESD 4kV)
5000
10142048-32
HTU31V RH/T IC ANALOG R400 (ESD 2kV)
400
10142048-10
HTU31V RH/T IC ANALOG R1500 (ESD 2kV)
1500
10142048-11
HTU31V RH/T IC ANALOG R5000 (ESD 2kV)
5000
10142048-12
Demonstration Board HTU31D
1
10142605-10
Demonstration Board HTU31V
1
10142605-02
REVISION HISTORY
DATE
VERSION
PAGE(S)
CHANGES
January 2021
3
2 / 4 / 6 / 18
Update of Humidity Response Time, Long-Term Drift, and ESD. /
Interfaces / Part number updates
Output Signal
D
I²C Digital
V
Ratiometric Voltage
te.com/sensors
TE Connectivity, TE, TE Connectivity (logo) and Every Connection Counts are trademarks. All other logos, products and/or company names referred to herein might
be trademarks of their respective owners
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However,
TE Connectivity makes no warranties as to its accuracy or completeness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall
only be as set forth in TE Connectivity‘s Standard Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental,
indirect or consequential damages arising out of the sale, resale, use or misuse of the product. Users of TE Connectivity products should make their own evaluation
to determine the suitability of each such product for the specific application.
© 2021 TE Connectivity Corporation. All Rights Reserved.
Version #3 01/2021
CLICK HERE ›
CONNECT WITH A SPECIALIST
NORTH AMERICA
Tel +1 800 522 6752
EUROPE
Tel +31 73 624 6999
ASIA
Tel +86 0400 820 6015
Part Number
HTU31x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com