Electronic Components Datasheet Search
  English  ▼

X  

HTU31 Datasheet(PDF) 24 Page - TE Connectivity Ltd

Part # HTU31
Description  RH/T SENSOR IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU31 Datasheet(HTML) 24 Page - TE Connectivity Ltd

Back Button HTU31 Datasheet HTML 20Page - TE Connectivity Ltd HTU31 Datasheet HTML 21Page - TE Connectivity Ltd HTU31 Datasheet HTML 22Page - TE Connectivity Ltd HTU31 Datasheet HTML 23Page - TE Connectivity Ltd HTU31 Datasheet HTML 24Page - TE Connectivity Ltd HTU31 Datasheet HTML 25Page - TE Connectivity Ltd HTU31 Datasheet HTML 26Page - TE Connectivity Ltd HTU31 Datasheet HTML 27Page - TE Connectivity Ltd HTU31 Datasheet HTML 28Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
HTU31V RH/T SENSOR IC
Analog Relative Humidity & Temperature Sensor
TE CONNECTIVITY SENSORS /// HTU31V RH/T SENSOR IC
REV3 01/2021
Page 5
Electrical Specifications
Vdd = 5V 25°C
Characteristics
Symbol
Min
Typ
Max
Unit
Notes / Conditions
Supply Voltage
Vdd
3.0
5.0
5.5
V
Current Consumption
idd
161
µA
Typical
511
µA
Peak
Power Dissipation
805
µW
Typical
2.55
mW
Peak
Buffer Output Current
±200
µA
Buffer Capacitive Load
0.0
5.0
nF
Table 4 Electrical Specifications
Timing Specifications
Vdd = 5V 25°C
Characteristics
Symbol
Min
Typ
Max
Unit
Notes / Conditions
Power Up Time
10
ms
Table 5 Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com