Electronic Components Datasheet Search
  English  ▼

X  

HTU31 Datasheet(PDF) 18 Page - TE Connectivity Ltd

Part # HTU31
Description  RH/T SENSOR IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU31 Datasheet(HTML) 18 Page - TE Connectivity Ltd

Back Button HTU31 Datasheet HTML 14Page - TE Connectivity Ltd HTU31 Datasheet HTML 15Page - TE Connectivity Ltd HTU31 Datasheet HTML 16Page - TE Connectivity Ltd HTU31 Datasheet HTML 17Page - TE Connectivity Ltd HTU31 Datasheet HTML 18Page - TE Connectivity Ltd HTU31 Datasheet HTML 19Page - TE Connectivity Ltd HTU31 Datasheet HTML 20Page - TE Connectivity Ltd HTU31 Datasheet HTML 21Page - TE Connectivity Ltd HTU31 Datasheet HTML 22Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
HTU31D RH/T SENSOR IC
Digital Relative Humidity & Temperature Sensor
TE CONNECTIVITY SENSORS /// HTU31D RH/T SENSOR IC
REV3 01/2021
Page 17
Handling & Storage Recommendations
To guaranty and preserve the high-quality performance of the HTU31 sensor, the following recommendations shall be respected
concerning storage and packaging:
Prior sensors use or assembly, it is recommended to store them in their original sealed anti ESD packaging. If sensors have
been removed from their original packaging, it is recommended to keep them in anti-static shielded ESD bags.
HTU31 sensor shall not be in contact with volatile chemicals such as solvents or other organic compounds that could induce a
sensing element pollution or damage.
HTU31 sensor is classified MSL level 1 according to IPC/JEDEC J-STD-020.1 for storage, packaging and handling.
The typical shelf life is 1 year at temperature below 30°C and relative humidity below 85%RH.
HTU31 sensor shall be protected from ESD (Electrostatic Discharge) and shall be handled in ESD protected areas (EPA) under
protected and standard controlled conditions (ground with wrist-straps, ground all non-insulating and conductive objects, operate
only in grounded conductive floor.
Figure 16 Protection against ESD mandatory
Soldering and Assembly Instructions
HTU31 sensor is designed to withstand soldering profile according to IPC/JEDEC J-STD-020 with peak temperatures at 260°C
during up to 30sec for Pb-free assembly in reflow ovens.
Figure 17 Reflow Soldering profile according to JEDEC standard
Standard pick & place equipment and vacuum nozzles for standard DFN packages may be used for assembly of HTU31 sensors.
For manual soldering contact time must be limited to 5 seconds at 350°C.
The use of “no clean” solder paste is recommended to avoid pollution or damage of RH sensing element.
In case of applications with exposure of the sensor to corrosive gases or condensed water (i.e. environments with high relative
humidity) the soldering pads shall be sealed (e.g. conformal coating) to prevent loose contacts or short cuts.
No board wash shall be applied to HTU31 sensors without appropriate sensor upper surface adhesive tape protection.
No coating shall be applied to HTU31 sensors without appropriate sensor upper surface adhesive tape protection.
Immediately after soldering high thermal stress, HTU31 sensors may temporarily read a normal slight RH negative deviation (<
1%RH) corresponding to sensing element extreme drying. This slight normal deviation will disappear after one or two days.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com