Electronic Components Datasheet Search
  English  ▼

X  

HTU31 Datasheet(PDF) 27 Page - TE Connectivity Ltd

Part # HTU31
Description  RH/T SENSOR IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU31 Datasheet(HTML) 27 Page - TE Connectivity Ltd

Back Button HTU31 Datasheet HTML 23Page - TE Connectivity Ltd HTU31 Datasheet HTML 24Page - TE Connectivity Ltd HTU31 Datasheet HTML 25Page - TE Connectivity Ltd HTU31 Datasheet HTML 26Page - TE Connectivity Ltd HTU31 Datasheet HTML 27Page - TE Connectivity Ltd HTU31 Datasheet HTML 28Page - TE Connectivity Ltd HTU31 Datasheet HTML 29Page - TE Connectivity Ltd HTU31 Datasheet HTML 30Page - TE Connectivity Ltd HTU31 Datasheet HTML 31Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
HTU31V RH/T SENSOR IC
Analog Relative Humidity & Temperature Sensor
TE CONNECTIVITY SENSORS /// HTU31V RH/T SENSOR IC
REV3 01/2021
Page 8
Error Codes
Relative Humidity
In case of abnormal open circuit, the voltage output
������������������������willprovideanerrorcode:������������������������=0V.
In case of abnormal short circuit, the voltage output
������������������������willprovideanerrorcode:������������������������=������������������������.
Temperature
In case of abnormal open circuit or values below -50°C, the voltage output
����������������willprovideanerrorcode:����������������=0V.
In case of values between -50°C and -40°C, the voltage output
����������������willprovideaclamping:����������������= ����������������������������������������=10%.
In case of values between 125°C and 150°C, the voltage output
����������������willprovideaclamping:����������������= ����������������������������������������=90%.
In case of abnormal short circuit or values above 150°C, the voltage output
����������������willprovideanerrorcode:����������������=������������������������.
Dew Point Temperature Calculation
The dew point is the temperature at which the water vapor in the air becomes saturated and condensation begins.
The dew point is associated with relative humidity. A high relative humidity indicates that the dew point is closer to the current
air temperature. Relative humidity of 100% indicates that the dew point is equal to the current temperature (and the air is
maximally saturated with water). When the dew point stays constant and temperature increases, relative humidity will decrease.
Partial Pressure (PPTamb) Calculation from Ambient Temperature
Partial Pressure (PPTamb) is calculated using temperature measurement from HTU31 sensor with the following formula:
PPTamb Partial Pressure in mmHg at Ambient Temperature
Tamb
Ambient Temperature in °C, from HTU31
A, B, C Constants: A=8.1332; B=1762.39; C=235.66
Dew Point Temperature (Td) Calculation from Partial Pressure (PPTamb)
Dew point temperature (Td) of the air is calculated using ambient relative humidity and temperature measurements from HTU31
sensor with the following formula:
PPTamb Partial Pressure in mmHg at Ambient Temperature
RHamb Ambient Relative Humidity in %RH, from HTU31
Tamb
Ambient Temperature in °C, from HTU31
Td
Calculated Dew Point in °C
A, B, C Constants: A=8.1332; B=1762.39; C=235.66
+
−
×
−
=
C
A
PP
RH
B
T
Tamb
amb
d
100
log
10
+
−
=
)
(
10
C
Tamb
B
A
Tamb
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com