Electronic Components Datasheet Search
  English  ▼

X  

HTU31 Datasheet(PDF) 20 Page - TE Connectivity Ltd

Part # HTU31
Description  RH/T SENSOR IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU31 Datasheet(HTML) 20 Page - TE Connectivity Ltd

Back Button HTU31 Datasheet HTML 16Page - TE Connectivity Ltd HTU31 Datasheet HTML 17Page - TE Connectivity Ltd HTU31 Datasheet HTML 18Page - TE Connectivity Ltd HTU31 Datasheet HTML 19Page - TE Connectivity Ltd HTU31 Datasheet HTML 20Page - TE Connectivity Ltd HTU31 Datasheet HTML 21Page - TE Connectivity Ltd HTU31 Datasheet HTML 22Page - TE Connectivity Ltd HTU31 Datasheet HTML 23Page - TE Connectivity Ltd HTU31 Datasheet HTML 24Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
TE CONNECTIVITY SENSORS /// HTU31V RH/T SENSOR IC
REV3 01/2021
Page 1
te.com
HTU31V RH/T SENSOR IC
Analog Relative Humidity & Temperature Sensor
Characteristics
•
Fully calibrated, temperature compensated
•
High accuracy: ±2%RH and ±0.2°C
•
Fast humidity response time: 5s
•
Wide supply voltage range from 3V to 5.5V
•
Low average current: 161µA typical
•
Compact 6-Pin DFN package: 2.5x2.5x0.9mm
•
Ratiometric voltage output
•
Fully RoHS and REACH compliant
General Description
The HTU31 is one of the smallest and most accurate humidity sensors on
the market. TE Connectivity precision engineering and 20+ years of
experience in humidity and temperature combination sensors, enabled this
new product with fast response time, precision measurement, low
hysteresis, robustness to reflow assembly process and sustained
performance even when exposed to extreme temperature [-40° to 125°C]
and humidity [0%RH to 100%RH] environments.
HTU31 humidity & temperature sensor includes both digital (D) and analog
(V) versions and combines multiple functions with an application-friendly
operating supply voltage range from 3V to 5.5V.
HTU31 sensor is available in small and large volumes to meet the ever-
changing demands of our customers.
CLICK HERE ›
CONNECT WITH A SPECIALIST
Features
•
High Reliability and Robustness
•
Fast Recovery after Saturation
•
Fully Compatible with Reflow Process
•
Fully Interchangeable without
Calibration
•
Serial Individual Marking for Traceability
•
Lead Free
•
Low Power Consumption
Applications
•
Home Appliance
•
Medical
•
Printers
•
Humidifiers
•
Automotive
•
Meteorology
•
Environmental Monitoring & Trackers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com