Electronic Components Datasheet Search
  English  ▼

X  

HTU31 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # HTU31
Description  RH/T SENSOR IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU31 Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button HTU31 Datasheet HTML 2Page - TE Connectivity Ltd HTU31 Datasheet HTML 3Page - TE Connectivity Ltd HTU31 Datasheet HTML 4Page - TE Connectivity Ltd HTU31 Datasheet HTML 5Page - TE Connectivity Ltd HTU31 Datasheet HTML 6Page - TE Connectivity Ltd HTU31 Datasheet HTML 7Page - TE Connectivity Ltd HTU31 Datasheet HTML 8Page - TE Connectivity Ltd HTU31 Datasheet HTML 9Page - TE Connectivity Ltd HTU31 Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
HTU31D RH/T SENSOR IC
Digital Relative Humidity & Temperature Sensor
TE CONNECTIVITY SENSORS /// HTU31D RH/T SENSOR IC
REV3 01/2021
Page 5
Electrical Specifications
Vdd = 5V 25°C
Characteristics
Symbol
Min
Typ
Max
Unit
Notes / Conditions
Supply Voltage
Vdd
3.0
5.0
5.5
V
Current Consumption
idd
0.13
0.40
µA
Sleep mode
1.04
µA
Typical9
414
µA
Peak / Measuring mode
Power Dissipation
0.65
2.00
µW
Sleep mode
5.20
µW
Typical
2.07
mW
Peak / Measuring mode
Heater
Rheat
1.5
2.0
2.5
kΩ
��������ℎ������������������������= ������������������������2��������ℎ������������������������
Pheat
10
12.5
16
mW
Table 4 Electrical Specifications
Timing Specifications
Vdd = 5V 25°C
Characteristics
Symbol
Min
Typ
Max
Unit
Notes / Conditions
Power Up Time
1
ms
Soft Reset Time
15
ms
Duration of Reset Pulse
3
ms
Humidity Conversion Time
Tconv hum
7.8
ms
Humidity OSR = 3
(0.007%RH)
3.9
ms
Humidity OSR = 2
(0.010%RH)
2.0
ms
Humidity OSR = 1
(0.014%RH)
1.0
ms
Humidity OSR = 0
(0.020%RH)
Temperature Conversion Time
Tconv temp
12.1
ms
Temperature OSR = 3
(0.012°C)
6.1
ms
Temperature OSR = 2
(0.016°C)
3.1
ms
Temperature OSR = 1
(0.025°C)
1.6
ms
Temperature OSR = 0
(0.040°C)
Table 5 Timing Specifications
9
One RH and temperature measurement per second, OSR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com