Electronic Components Datasheet Search
  English  ▼

X  

HTU31 Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # HTU31
Description  RH/T SENSOR IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU31 Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button HTU31 Datasheet HTML 8Page - TE Connectivity Ltd HTU31 Datasheet HTML 9Page - TE Connectivity Ltd HTU31 Datasheet HTML 10Page - TE Connectivity Ltd HTU31 Datasheet HTML 11Page - TE Connectivity Ltd HTU31 Datasheet HTML 12Page - TE Connectivity Ltd HTU31 Datasheet HTML 13Page - TE Connectivity Ltd HTU31 Datasheet HTML 14Page - TE Connectivity Ltd HTU31 Datasheet HTML 15Page - TE Connectivity Ltd HTU31 Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
HTU31D RH/T SENSOR IC
Digital Relative Humidity & Temperature Sensor
TE CONNECTIVITY SENSORS /// HTU31D RH/T SENSOR IC
REV3 01/2021
Page 11
Read Diagnostic
A diagnostic register is available to check if the humidity and temperature are working properly, if the humidity or temperature
are out of specified range, the heater and the memory status:
Figure 12 Read Serial number command
Note: The not acknowledge (nack) and stop at the end of the reading is mandatory, otherwise the chip may block the SDA.
Diagnostic Register
7
6
5
4
3
2
1
0
NVM error
(NVM err)
Humidity
under/overrun
(Hout)
Humidity
high error
(Hhigh)
Humidity
low error
(Hlow)
Temperature
under/overrun
(Tout)
Temperature
high error
(Thigh)
Temperature
low error
(Tlow)
Heater on
(Hon)
Table 12 Diagnostic Register
Abbreviation
Description
NVM error (NVM err)
bit is set if the CRC of the NVM has failed (CRC is done on the register copy)
Humidity under/overrun (Hout)
bit is set if the humidity is truncated to 0 or the max value of 2^16-1
Humidity high error (Hhigh)
bit is set if the humidity calculation results above 120 %RH
Humidity low error (Hlow)
bit is set if the humidity calculation results below -10 %RH
Temperature under/overrun (Tout)
bit is set if the temperature is truncated to 0 or the max value of 2^16-1
Temperature high error (Thigh)
bit is set if the temperature calculation results above 150 °C
Temperature low error (Tlow)
bit is set if the temperature calculation results below -50 °C
Heater on (Hon)
bit is set if the heater is on
Table 13 Diagnostic Register Bits Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com