Electronic Components Datasheet Search
  English  ▼

X  

HTU31 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # HTU31
Description  RH/T SENSOR IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU31 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button HTU31 Datasheet HTML 3Page - TE Connectivity Ltd HTU31 Datasheet HTML 4Page - TE Connectivity Ltd HTU31 Datasheet HTML 5Page - TE Connectivity Ltd HTU31 Datasheet HTML 6Page - TE Connectivity Ltd HTU31 Datasheet HTML 7Page - TE Connectivity Ltd HTU31 Datasheet HTML 8Page - TE Connectivity Ltd HTU31 Datasheet HTML 9Page - TE Connectivity Ltd HTU31 Datasheet HTML 10Page - TE Connectivity Ltd HTU31 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
HTU31D RH/T SENSOR IC
Digital Relative Humidity & Temperature Sensor
TE CONNECTIVITY SENSORS /// HTU31D RH/T SENSOR IC
REV3 01/2021
Page 6
INTERFACES
Pin Assignment
N° Function
Description
1
SDA
Serial Data Output / Input
2
GND
Ground
3
IC_Add
Address Selection
4
RST
Reset
5
VDD
Supply Voltage
6
SCL
Clock
Table 6 Pin Assignment
I²C Communication Pins (SDA / SCL)
SCL is used to synchronize the communication between microcontroller and HTU31D sensor. Since the interface consists of
fully static logic there is no minimum SCL frequency. The SDA pin is used to transfer data in and out of the device. To send a
command to HTU31D sensor, SDA is valid on the rising edge of SCL and shall remain stable while SCL is high. Following the
falling edge of SCL, SDA value may be changed. To guaranty safe communication SDA shall be valid tQS and tQH before the
rising and after the falling edge of SCL, respectively. To read data from HTU31D sensor, SDA is valid tVD after SCL has gone
low and remains valid until the next SCL falling edge.
An external pull-up resistor (e.g. 10kΩ10) on SCL and SDA is required to pull the signal high only for open collector or open drain
technology microcontrollers. In most case, pull-up resistors are internally included in I/O microcontroller circuits.
Figure 4 I2C Typical Application Circuit
Power Pins (VDD / GND)
Typical circuit includes a 100nF decoupling capacitor between VDD and GND, located as close as possible to the sensor.
IC_Add Pin
The IC_Add pin allows the user to dynamically change sensor I2C address to connect multiple sensors on the same I2C network.
The level applied to the IC_Add pin shall remain constant from the start to the end of the 2C communication (see Communication
and Operation section). If IC_Add pin is not used, it is recommended to connect it to GND (I2C address 0x40) or VDD with a
10kΩ series resistance (I2C address 0x41) as represented in Figure 4 I2C Typical Application Circuit.
RST Pin
The RST pin can be used to generate a reset of the sensor. A minimum pulse of 1 μs is required to reliably trigger a sensor
reset. If RST pin is not used, it is recommended to connect it to VDD with a 10kΩ series resistance.
10
Pull-up resistor value is valid if the HTU is alone on I²C bus functioning at 100kHz, otherwise please refer to UM10204, Rev. 6, April 4, 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com