Electronic Components Datasheet Search
  English  ▼

X  

HTU31 Datasheet(PDF) 25 Page - TE Connectivity Ltd

Part # HTU31
Description  RH/T SENSOR IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU31 Datasheet(HTML) 25 Page - TE Connectivity Ltd

Back Button HTU31 Datasheet HTML 21Page - TE Connectivity Ltd HTU31 Datasheet HTML 22Page - TE Connectivity Ltd HTU31 Datasheet HTML 23Page - TE Connectivity Ltd HTU31 Datasheet HTML 24Page - TE Connectivity Ltd HTU31 Datasheet HTML 25Page - TE Connectivity Ltd HTU31 Datasheet HTML 26Page - TE Connectivity Ltd HTU31 Datasheet HTML 27Page - TE Connectivity Ltd HTU31 Datasheet HTML 28Page - TE Connectivity Ltd HTU31 Datasheet HTML 29Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
HTU31V RH/T SENSOR IC
Analog Relative Humidity & Temperature Sensor
TE CONNECTIVITY SENSORS /// HTU31V RH/T SENSOR IC
REV3 01/2021
Page 6
INTERFACES
Pin Assignment
N° Function
Description
1
RH
RH Ratiometric Voltage Output
2
GND
Ground
3
BUF
Buffer Off Control
4
RST
Reset
5
VDD
Supply Voltage
6
TEMP
Temp. Ratiometric Voltage Output
Table 6 Pin Assignment
Relative Humidity and Temperature Ratiometric Voltage Output Pins (RH / TEMP)
Relative humidity voltage output is directly provided via RH pin. Temperature voltage output is directly provided via TEMP pin.
Figure 4 HTU31V Typical Application Circuit
Power Pins (VDD / GND)
Typical circuit includes a 100nF decoupling capacitor between VDD and GND, located as close as possible to the sensor.
BUF Pin
The HTU31V includes a built-in output buffer for the two voltage RH and temperature outputs.
The BUF pin is used to enable or disable this output buffer.
-
When BUF pin is connected to GND, as represented in Figure 4 HTU31V Typical Application Circuit, voltage output
buffer is on, this is the recommended configuration for most applications.
-
When BUF pin is connected to VDD, analog output buffer is off, the voltage outputs will be at high impedance, an
external buffer is then highly recommended. Loading on RH and TEMP pins must be higher than 1GΩ to avoid nonlinear
effects.
RST Pin
The RST pin can be used to generate a reset of the sensor. A minimum pulse of 1μs is required to reliably trigger a sensor reset.
-
When RST pin is connected to GND, chip in reset / power down mode.
-
When RST pin is connected to VDD, chip is in operating mode.
If reset feature is not used, RST pin must be connected to VDD, as represented in Figure 4 HTU31V Typical Application Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com