Electronic Components Datasheet Search
  English  ▼

X  

HTU31 Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # HTU31
Description  RH/T SENSOR IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU31 Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button HTU31 Datasheet HTML 4Page - TE Connectivity Ltd HTU31 Datasheet HTML 5Page - TE Connectivity Ltd HTU31 Datasheet HTML 6Page - TE Connectivity Ltd HTU31 Datasheet HTML 7Page - TE Connectivity Ltd HTU31 Datasheet HTML 8Page - TE Connectivity Ltd HTU31 Datasheet HTML 9Page - TE Connectivity Ltd HTU31 Datasheet HTML 10Page - TE Connectivity Ltd HTU31 Datasheet HTML 11Page - TE Connectivity Ltd HTU31 Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
HTU31D RH/T SENSOR IC
Digital Relative Humidity & Temperature Sensor
TE CONNECTIVITY SENSORS /// HTU31D RH/T SENSOR IC
REV3 01/2021
Page 7
COMMUNICATION AND OPERATION
I²C Address
HTU31 series has the capability to respond 2 distinct I²C addresses. This feature allows to use multiple sensors on the same
I²C network and avoid address conflict with other components.
Hardwired Dynamic Address
The hardwired address is defined by the IC_ADD pin level (it sets the LSB value). It can be used to connect 2 sensors on the
same I²C network (one wired to VDD, the other to GND). To connect more than 2 sensors on the same I²C network, individual
IC_ADD lines can be used.
IC_ADD Pin level
Sensor I2C address (Hex)
GND
0x40
VDD
0x41
Table 7 Sensor I²C Address
Software Address
By default, the software address is not activated however it can be set to any I²C valid address by TE Connectivity upon request.
Input / Output Characteristics
Characteristic
Symbol
Min
Max
Unit
Output Low Voltage
VOL
0.0 VDD
0.2 VDD
V
Output High Voltage
VOH
0.8VDD
VDD
V
Input Low Voltage
VIL
0.0 VDD
0.3 VDD
V
Input High Voltage
VIH
0.7 VDD
VDD
V
Table 8 Input and Output Characteristics
Timing Specifications of Digital input/output pads for I²C Fast Mode
Characteristics
Symbol
Min
Typ
Max
Unit
Notes / Conditions
SCL frequency
fscl
10
MHz
SCL high time
tlow
40
ns
SCL low time
thigh
60
ns
SCL setup to falling SDA
tsu:sta
20
ns
repeated start
SCL hold to falling SDA
thd:sta
20
ns
signaling start
SDA setup to SCL rising
tsu:dat
20
ns
SDA hold to SCL falling
thd:dat
20
ns
SDA input
SDA delay to SCL falling
tsu:dout
5
20
ns
SDA output, internal chip
delay without loading
Table 9 Timing Specifications for I²C Fast Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com