Electronic Components Datasheet Search
  English  ▼

X  

ISO1640BDR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640BDR
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640BDR Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISO1640BDR Datasheet HTML 24Page - Texas Instruments ISO1640BDR Datasheet HTML 25Page - Texas Instruments ISO1640BDR Datasheet HTML 26Page - Texas Instruments ISO1640BDR Datasheet HTML 27Page - Texas Instruments ISO1640BDR Datasheet HTML 28Page - Texas Instruments ISO1640BDR Datasheet HTML 29Page - Texas Instruments ISO1640BDR Datasheet HTML 30Page - Texas Instruments ISO1640BDR Datasheet HTML 31Page - Texas Instruments ISO1640BDR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
8.6 Device Functional Modes
Table 8-2 lists the ISO164x functional modes.
Table 8-2. Function Table(1)
POWER STATE
INPUT
OUTPUT
VCC1 < 2.3 V or VCC2 < 1.7 V
X
Z
VCC1 > 2.9 V and VCC2 > 2.25
V
L
L
VCC1 > 2.9 V and VCC2 > 2.25
V
H
Z
VCC1 > 2.9 V and VCC2 > 2.25
V
Z(2)
Undetermined
(1)
H = High Level; L = Low Level; Z = High Impedance or Float; X = Irrelevant
(2)
Invalid input condition as an I2C system requires that a pullup resistor to VCC is connected.
ISO1640, ISO1641, ISO1644
SLLSFC2C – MAY 2021 – REVISED JUNE 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO1640 ISO1641 ISO1644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com