Electronic Components Datasheet Search
  English  ▼

X  

ISO1640BDR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640BDR
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640BDR Datasheet(HTML) 32 Page - Texas Instruments

Back Button ISO1640BDR Datasheet HTML 28Page - Texas Instruments ISO1640BDR Datasheet HTML 29Page - Texas Instruments ISO1640BDR Datasheet HTML 30Page - Texas Instruments ISO1640BDR Datasheet HTML 31Page - Texas Instruments ISO1640BDR Datasheet HTML 32Page - Texas Instruments ISO1640BDR Datasheet HTML 33Page - Texas Instruments ISO1640BDR Datasheet HTML 34Page - Texas Instruments ISO1640BDR Datasheet HTML 35Page - Texas Instruments ISO1640BDR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
1
ISO164 0
SDA2
SCL2
SCL1
GND2
GND1
VCC2
VCC1
SDA1
4
Side 1
Side 2
2 mm
maximu m
2 mm
maximu m
8
7
6
5
2
3
1
3.3 k
3.3 k
0.01 …F
0.01 …F
0.01 …F
0.01 …F
3.3 k
3.3 k
3.3 k
3.3 k
3.3 k
3.3 k
Figure 9-5. Typical ISO1640 Circuit Hookup
1
ISO164 1
SDA2
SCL2
SCL1
GND2
GND1
VCC2
VCC1
SDA1
4
Side 1
Side 2
2 mm
maximu m
2 mm
maximu m
8
7
6
5
2
3
1
3.3 k
3.3 k
0.01 …F
0.01 …F
0.01 …F
0.01 …F
3.3 k
3.3 k
3.3 k
3.3 k
3.3 k
3.3 k
Figure 9-6. Typical ISO1641 Circuit Hookup
9.2.3 Application Curve
VOL1 = 650 mV
GND
Figure 9-7. Side 1: Low-to-High Transition
9.3 Insulation Lifetime
Insulation lifetime projection data is collected by using the industry-standard Time Dependent Dielectric
Breakdown (TDDB) test method. In this test, all pins on each side of the barrier are tied together creating a
ISO1640, ISO1641, ISO1644
SLLSFC2C – MAY 2021 – REVISED JUNE 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO1640 ISO1641 ISO1644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com