Electronic Components Datasheet Search
  English  ▼

X  

ISO1640BDR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640BDR
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640BDR Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO1640BDR Datasheet HTML 14Page - Texas Instruments ISO1640BDR Datasheet HTML 15Page - Texas Instruments ISO1640BDR Datasheet HTML 16Page - Texas Instruments ISO1640BDR Datasheet HTML 17Page - Texas Instruments ISO1640BDR Datasheet HTML 18Page - Texas Instruments ISO1640BDR Datasheet HTML 19Page - Texas Instruments ISO1640BDR Datasheet HTML 20Page - Texas Instruments ISO1640BDR Datasheet HTML 21Page - Texas Instruments ISO1640BDR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
6.14 Insulation Characteristics Curves
Ambient Temperature (qC)
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
300
350
SLLS
VCC1 = VCC2 = 3.3V
VCC1 = VCC2 = 5.5V
Figure 6-1. ISO164xB Thermal Derating Curve for
Safety Limiting Current for D-8 Package
Ambient Temperature (qC)
0
20
40
60
80
100
120
140
160
0
200
400
600
800
1000
1200
SLLS
Figure 6-2. ISO164xB Thermal Derating Curve for
Safety Limiting Power for D-8 Package
Ambient Temperature (qC)
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
300
350
SLLS
VCC1 = VCC2 = 3.3V
VCC1 = VCC2 = 5.5V
Figure 6-3. ISO1640/1 Thermal Derating Curve for
Safety Limiting Current for DW-16 Package
Ambient Temperature (qC)
0
20
40
60
80
100
120
140
160
0
200
400
600
800
1000
1200
SLLS
Figure 6-4. ISO1640/1 Thermal Derating Curve for
Safety Limiting Power for DW-16 Package
ISO1640, ISO1641, ISO1644
SLLSFC2C – MAY 2021 – REVISED JUNE 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO1640 ISO1641 ISO1644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com